Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952CF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2952CF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF Datasheet(HTML) 1 Page - Linear Technology

  LTC2952CF Datasheet HTML 1Page - Linear Technology LTC2952CF Datasheet HTML 2Page - Linear Technology LTC2952CF Datasheet HTML 3Page - Linear Technology LTC2952CF Datasheet HTML 4Page - Linear Technology LTC2952CF Datasheet HTML 5Page - Linear Technology LTC2952CF Datasheet HTML 6Page - Linear Technology LTC2952CF Datasheet HTML 7Page - Linear Technology LTC2952CF Datasheet HTML 8Page - Linear Technology LTC2952CF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC2952
1
2952fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Pushbutton PowerPathTM
Controller with Supervisor
The LTC®2952 is a power management device that features
three main functions: pushbutton on/off control of system
power, ideal diode PowerPath controllers and system moni-
toring. The LTC2952’s pushbutton input, which provides
on/off control of system power, has independently adjust-
able ON and OFF debounce times. A simple microprocessor
interface involving an interrupt signal allows for proper
system housekeeping prior to power-down.
The ideal diode PowerPath controllers provide automatic
low loss switchover between two DC sources by regulating
two external P-channel MOSFETs to have a small 20mV
forward drop.
High reliability systems may utilize the LTC2952’s monitor-
ing features to ensure system integrity. These features in-
clude: power-fail, voltage monitoring and μP watchdog.
The LTC2952 operates over a wide operating voltage range
to accommodate a large variety of input power supplies. The
part’s combination of low 20mV external MOSFET regula-
tion and very low standby current matches battery powered
and power conscious application requirements.
Pushbutton Controller with Automatic Switchover Between Adapter and Battery
n
Pushbutton On/Off Control
n
Automatic Low Loss Switchover Between DC
Sources
n
Wide Operating Voltage Range: 2.7V to 28V
n
Low 25μA Shutdown Current
n
Guaranteed Threshold Accuracy: ±1.5% of
Monitored Voltage Over Temperature
n
Adjustable Pushbutton On/Off Timers
n
Simple Interface Allows Graceful μP Shutdown
n
Extendable Housekeeping Wait Time Prior to
Shutdown
n
200ms Reset Delay and 1.6s Watchdog Timeout
n
±8kV HBM ESD on PB Input
n
20-pin TSSOP and QFN (4mm
× 4mm) Packages
n
Desktop and Notebook Computers
n
Portable Instrumentations
n
Cell Phones, PDA and Handheld Computers
n
Servers and Computer Peripherals
n
Battery Backup Systems
Ideal Diode vs Schottky Diode
Forward Voltage Drop
LTC2952
LT1767-2.5
SHDN
VOUT
VIN
PFI
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PB
EN
VS
ONT
GND OFFT
2952 TA01
ADAPTER, 3V TO 25V
2.5V
12V BATTERY
Si6993DQ
Si6993DQ
μP
365k
511k
100k
*68nF
*OPTIONAL
*22nF
100k
1k
1k
1k
10k
D2
D3
D1
FORWARD VOLTAGE (V)
0.02
0.50
2952 TA01b
0
1
CONSTANT
VOLTAGE
SCHOTTKY
DIODE
IDEAL
DIODE
CONSTANT
RON
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.


Similar Part No. - LTC2952CF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952CF LINER-LTC2952CF Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
More results

Similar Description - LTC2952CF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Apr-2004
logo
Supertex, Inc
HV9606 SUTEX-HV9606 Datasheet
565Kb / 9P
HV9606 Current-Mode PWM Controller with Supervisor
logo
Linear Technology
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
Dual PowerPathTM Switch Driver
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
Low Loss PowerPathTM Controller in ThinSOT
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
Pushbutton On/Off Controller with P Interrupt
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
Pushbutton PowerPath Controller with Supervisor
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com