Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100R4H7B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 6Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 7Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 8Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 9Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 10Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 11Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 12Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 13Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
Description
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
10/84
Doc ID 16455 Rev 2
2
Description
The STM32F100xx value line family incorporates the high-performance ARM Cortex™-M3
32-bit RISC core operating at a 24 MHz frequency, high-speed embedded memories (Flash
memory up to 128 Kbytes and SRAM up to 8 Kbytes), and an extensive range of enhanced
peripherals and I/Os connected to two APB buses. All devices offer standard communication
interfaces (up to two I2Cs, two SPIs, one HDMI CEC, and up to three USARTs), one 12-bit
ADC, two 12-bit DACs, up to six general-purpose 16-bit timers and an advanced-control
PWM timer.
The STM32F100xx low- and medium-density value line family operates in the –40 to +85 °C
and –40 to +105 °C temperature ranges, from a 2.0 to 3.6 V power supply. A comprehensive
set of power-saving mode allows the design of low-power applications.
The STM32F100xx value line family includes devices in three different packages ranging
from 48 pins to 100 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the STM32F100xx value line microcontroller family suitable for a wide
range of applications:
●
Application control and user interface
●
Medical and handheld equipment
●
PC peripherals, gaming and GPS platforms
●
Industrial applications: PLC, inverters, printers, and scanners
●
Alarm systems, Video intercom, and HVAC
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com