Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100R4H7B Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 38Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 39Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 40Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 41Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 42Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 43Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 44Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 45Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Electrical characteristics
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
42/84
Doc ID 16455 Rev 2
Table 16.
Typical current consumption in Run mode, code with data processing
running from Flash
Symbol Parameter
Conditions
fHCLK
Typical values(1)
1.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
All peripherals
enabled(2)
2.
Add an additional power consumption of 0.8 mA for the ADC and of 0.5 mA for the DAC analog part. In
applications, this consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Run mode
Running on high-speed
external clock with an
8 MHz crystal(3)
3.
AHB prescaler used to reduce the frequency (when fHCLK > 8 MHz).
24 MHz
15.4
9
mA
16 MHz
11.2
6.50
8 MHz
6.2
3.9
4 MHz
3.75
2.5
2 MHz
2.3
1.8
1 MHz
1.65
1.35
500 kHz
1.3
1.2
125 kHz
1.1
1
Running on high-speed
internal RC (HSI)
24 MHz
15
8.4
16 MHz
10.3
6.1
8 MHz
5.5
3.4
4 MHz
3.1
1.9
2 MHz
1.7
1.15
1 MHz
1
0.8
500 kHz
0.75
0.6
125 kHz
0.5
0.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com