Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100R4H7B Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 40Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 41Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 42Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 43Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 44Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 45Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 46Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 47Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Electrical characteristics
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
44/84
Doc ID 16455 Rev 2
5.3.6
External clock source characteristics
High-speed external user clock generated from an external source
The characteristics given in Table 19 result from tests performed using an high-speed
external clock source, and under the ambient temperature and supply voltage conditions
summarized in Table 8.
Table 18.
Peripheral current consumption
Peripheral
Typical consumption at 25 °C(1)
1.
fHCLK = fAPB1 = fAPB2 = 24 MHz, default prescaler value for each peripheral.
Unit
APB1
TIM2
0.52
mA
TIM3
0.46
TIM4
0.5
TIM6
0.125
TIM7
0.19
DAC
0.5(2)
2.
Specific conditions for DAC: EN1 bit in DAC_CR register set to 1.
WWDG
0.13
SPI2
0.2
USART2
0.38
USART3
0.32
I2C1
0.27
I2C2
0.28
HDMI CEC
0.16
APB2
GPIO A
0.25
GPIO B
0.12
GPIO C
0.18
GPIO D
0.15
GPIO E
0.15
ADC1(3)
3.
Specific conditions for ADC: fHCLK = 24 MHz, fAPB1 = fAPB2 = fHCLK, fADCCLK = fAPB2/2, ADON bit in the
ADC_CR2 register is set to 1.
0.15
SPI1
0.12
USART1
0.27
TIM1
0.63
TIM15
0.33
TIM16
0.26
TIM17
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com