Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100R4H7B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 7Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 8Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 9Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 10Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 11Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 12Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 13Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 14Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Description
Doc ID 16455 Rev 2
11/84
2.1
Device overview
Table 2.
STM32F100xx features and peripheral counts
Peripheral
STM32F100Cx
STM32F100Rx
STM32F100Vx
Flash - Kbytes
16
32
64
128
16
32
64
128
64
128
SRAM - Kbytes
4
488
448
8
8
8
Timers
Advanced-control
11
11
1
General-purpose
5(1)
65(1)
66
Communication
interfaces
SPI
1(2)
21(2)
22
I2C
1(3)
21(3)
22
USART
2(4)
32(4)
33
CEC
1
12-bit synchronized ADC
number of channels
1
10 channels
1
16 channels
1
16 channels
GPIOs
37
51
80
12-bit DAC
Number of channels
2
2
CPU frequency
24 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient operating temperature: –40 to +85 °C /–40 to +105 °C (see Table 8)
Junction temperature: –40 to +125 °C (see Table 8)
Packages
LQFP48
LQFP64, TFBGA64
LQFP100
1.
TIM4 not present.
2.
SPI2 is not present.
3.
I2C2 is not present.
4.
USART3 is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com