Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 9Page - Linear Technology LTC4010 Datasheet HTML 10Page - Linear Technology LTC4010 Datasheet HTML 11Page - Linear Technology LTC4010 Datasheet HTML 12Page - Linear Technology LTC4010 Datasheet HTML 13Page - Linear Technology LTC4010 Datasheet HTML 14Page - Linear Technology LTC4010 Datasheet HTML 15Page - Linear Technology LTC4010 Datasheet HTML 16Page - Linear Technology LTC4010 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4010

4010fb
the average current through RSENSE. The ITH output of
the error amplifier is a scaled control current for the input
of the PWM comparator CC. The ITH • R3 product sets a
peak current threshold for CC such that the desired aver-
age current through RSENSE is maintained. The current
comparator output does this by switching the state of the
SR latch at the appropriate time.
At the beginning of each oscillator cycle, the PWM clock
sets the SR latch and the external P-channel MOSFET is
switched on (N-channel MOSFET switched off) to refresh
the current carried by the external inductor. The inductor
current and voltage drop across RSENSE begin to rise
linearly. During normal operation, the PFET is turned
off (NFET on) during the cycle by CC when the voltage
difference across RSENSE reaches the peak value set by
the output of EA. The inductor current then ramps down
linearly until the next rising PWM clock edge. This closes
the loop and maintains the desired average charge current
in the external inductor.
Low Dropout Charging
After charging is initiated, the LTC4010 does not require
that VCC remain at least 500mV above BAT because situ-
ations exist where low dropout charging might occur. In
one instance, parasitic series resistance may limit PWM
headroom (between VCC and BAT) as 100% charge is
reached. A second case can arise when the DC adapter
selected by the end user is not capable of delivering the
current programmed by RSENSE, causing the output volt-
age of the adapter to collapse. While in low dropout, the
LTC4010PWMrunsnear100%dutycyclewithafrequency
that may not be constant and can be less than 550kHz.
The charge current will drop below the programmed value
to avoid generating audible noise, so the actual charge
delivered to the battery may depend primarily on the
LTC4010 charge timer.
Internal Die Temperature
The LTC4010 provides internal overtemperature detection
to protect against electrical overstress, primarily at the
FET driver outputs. If the die temperature rises above this
thermal limit, the LTC4010 stops switching and indicates
a fault as previously discussed.
operaTion (Refer to Figure 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com