Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 10Page - Linear Technology LTC4010 Datasheet HTML 11Page - Linear Technology LTC4010 Datasheet HTML 12Page - Linear Technology LTC4010 Datasheet HTML 13Page - Linear Technology LTC4010 Datasheet HTML 14Page - Linear Technology LTC4010 Datasheet HTML 15Page - Linear Technology LTC4010 Datasheet HTML 16Page - Linear Technology LTC4010 Datasheet HTML 17Page - Linear Technology LTC4010 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4010

4010fb
External DC Source
The external DC power source should be connected to the
charging system and the VCC pin through a power diode
acting as an input rectifier. This prevents catastrophic
system damage in the event of an input short to ground
or reverse-voltage polarity at the DC input. The LTC4010
automatically senses when this input drives the VCC pin
above BAT. The open-circuit voltage of the DC source
should be between 5.5V and 34V, depending on the num-
ber of cells being charged. In order to avoid low dropout
operation, ensure 100% capacity at charge termination,
and allow reliable detection of battery insertion, removal
or overvoltage, the following equation can be used to
determine the minimum full-load voltage that should be
produced at VCC when the external DC power source is
connected.
VCC(MIN) = (n • 2V) + 0.3V
where n is the number of series cells in the battery pack.
The LTC4010 will properly charge over a wide range of VCC
and BAT voltage combinations. Operating the LTC4010 in
low dropout or with VCC much greater than BAT will force
the PWM frequency to be much less than 550kHz. The
LTC4010 disables charging and sets a fault if a large VCC to
BAT differential would cause generation of audible noise.
Load Control
Proper load current control is an important consideration
when fast charging nickel cells. This control ensures that
the system load remains powered at all times, but that
normal system operation and associated load transients
do not adversely affect fast charge termination. The input
protecton detailed in the previous paragraph is an integral
part of the necessary load control.
The battery should also be connected to the raw system
supply by some rectifying means, thus forming a switch
that selects the battery for system power only if an external
DC source is not present.
Battery Chemistry Selection
The desired battery chemistry is selected by program-
ming the CHEM pin to the proper voltage. If it is wired
to GND, a set of parameters specific to charging NiMH
applicaTions inForMaTion
cells is selected. When CHEM is left floating, charging is
optimized for NiCd cells. The various charging parameters
are detailed in Table 2.
Programming Charge Current
Charge current is programmed using the following
equation:
R
mV
I
SENSE
PROG
=
100
RSENSE is an external resistor connected between the
SENSEandBATpins.A1%resistorwithalowtemperature
coefficient and sufficient power dissipation capability to
avoid self-heating effects is recommended. Charge rate
should be between approximately C/2 and 2C.
Inductor Value Selection
Formanyapplications,10µHrepresentsanoptimumvalue
for the inductor the PWM uses to generate charge current.
For applications with IPROG of 1.5A or greater running
from an external DC source of 15V or less, values between
5µH and 7.5µH can often be selected. For wider operating
conditions the following equation can be used as a guide
for selecting the minimum inductor value.
L > 6.5 • 10–6 • VDCIN • RSENSE, L ≥ 4.7µH
Actualpartselectionshouldaccountforbothmanufacturing
tolerance and temperature coefficient to ensure this mini-
mum. A good initial selection can be made by multiplying
the calculated minimum by 1.4 and rounding up or down
to the nearest standard inductance value.
Ultimately, there is no substitute for bench evaluation of
the selected inductor in the target application, which can
also be affected by other environmental factors such as
ambient operating temperature. Using inductor values
lower than recommended by the equation shown above
can result in a fault condition at the start of precharge or
top-off charge.
Programming Maximum Charge Times
Connecting the appropriate resistor between the TIMER
pin and GND programs the maximum duration of various



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com