Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 2Page - Linear Technology LTC4010 Datasheet HTML 3Page - Linear Technology LTC4010 Datasheet HTML 4Page - Linear Technology LTC4010 Datasheet HTML 5Page - Linear Technology LTC4010 Datasheet HTML 6Page - Linear Technology LTC4010 Datasheet HTML 7Page - Linear Technology LTC4010 Datasheet HTML 8Page - Linear Technology LTC4010 Datasheet HTML 9Page - Linear Technology LTC4010 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4010

4010fb
Typical perForMance characTerisTics
BATTERY VOLTAGE (V)
1
1.5
65
75
90
2
3
3.5
4010 G12
70
85
80
2.5
4
4.5
DCIN = 5.5V
IOUT = 2A
BATTERY VOLTAGE (V)
0
100
90
80
70
60
16
4010 G13
4
8
12
20
14
2
6
10
18
DCIN = 20V
IOUT = 2A
200µs/DIV
10
5
5
0
2
1
0
4010 G14
TGATE
BGATE
FAST CHARGE CURRENT
PRECHARGE
CURRENT
SWITCHING
VCC (V)
6
–3
–2
–1
0
1
3
10
14
18
22
4010 G15
26
30
2
50°C
25°C
0°C
BAT = 4.8V
BATTERY VOLTAGE (V)
0
–3
–2
0
1
2
4
8
4010 G16
–1
12
16
3
50°C
25°C
0°C
VCC = 20V
TEMPERATURE (°C)
–50 –30
0
4
10
–10
30
50
4010 G17
2
8
6
10
70
90
TEMPERATURE (°C)
–50
–1
0
2
4
6
1
3
5
–30
–10
10
30
BAT
4010 G18
50
70
90
SENSE
TEMPERATURE (°C)
–50 –30
3.95
4.15
4.45
–10
30
50
4010 G19
4.05
4.35
4.25
10
70
90
TEMPERATURE (°C)
–50 –30
0
40
100
–10
30
50
4010 G20
20
80
60
10
70
90
VCC INCREASING
VCC DECREASING
Fast Charge Current Line
Regulation
Fast Charge Current Output
Regulation
Shutdown Quiescent Current
PWM Input Bias Current (OFF)
Undervoltage Lockout Threshold
Voltage
Shutdown Threshold Voltage
(VCC – BAT)
Charger Efficiency
Charger Efficiency
Charger Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com