Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 4 Page - Linear Technology

  LTC4010 Datasheet HTML 1Page - Linear Technology LTC4010 Datasheet HTML 2Page - Linear Technology LTC4010 Datasheet HTML 3Page - Linear Technology LTC4010 Datasheet HTML 4Page - Linear Technology LTC4010 Datasheet HTML 5Page - Linear Technology LTC4010 Datasheet HTML 6Page - Linear Technology LTC4010 Datasheet HTML 7Page - Linear Technology LTC4010 Datasheet HTML 8Page - Linear Technology LTC4010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4010

4010fb
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4010E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the 0°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Operating junction temperature TJ (in °C) is calculated from
the ambient temperature TA and the total continuous package power
dissipation PD (in watts) by the formula:
TJ = TA + qJA • PD
Refer to the Applications Information section for details. This IC includes
overtemperature protection that is intended to protect the device during
momentary overload conditions. Junction temperature will exceed 125°C
The l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, BAT = 4.8V, GND = PGND = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charger Timing
∆tTIMER
Internal Time Base Error
l
–10
10
%
∆tMAX
Programmable Timer Error
RTIMER = 49.9k
l
–20
20
%
Status and Chemistry Select
VOL
Output Voltage Low (ILOAD = 10mA)
VCDIV
All Other Status Outputs
l
l
435
300
700
600
mV
mV
ILKG
Output Leakage Current
All Status Outputs Inactive, VOUT = VCC
l
–10
10
µA
IIH(VCDIV)
Input Current High
VCDIV = VBAT (Shutdown)
l
–1
1
µA
VIL
Input Voltage Low
CHEM (NiMH)
l
900
mV
VIH
Input Voltage High
CHEM (NiCd)
l
2.85
V
IIL
Input Current Low
CHEM = GND
l
–20
–5
µA
IIH
Input Current High
CHEM = 3.3V
l
–20
20
µA
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may result in
device degradation or failure.
Note 4: All current into device pins are positive. All current out of device
pins are negative. All voltages are referenced to GND, unless otherwise
specified.
Note 5: Output current may be limited by internal power dissipation. Refer
to the Applications Information section for details.
Note 6: Either TGATE VOH may apply for 7.5V < VCC < 9V.
Note 7: These limits apply specifically to the thermistor network shown in
Figure 5 in the Applications Information section with a
b of 3750 and are
guaranteed by specific VTEMP voltage measurements during test.
Note 8: These limits are guaranteed by correlation to wafer level
measurements.
TIME (MINUTES)
0
1.50
1.55
1.60
60
4010 G01
1.45
1.40
20
40
80
1.35
1.30
1.65
30
32
34
28
26
24
22
36
CHARGE CURRENT
BATTERY
TEMPERATURE
SINGLE CELL
VOLTAGE
1A
TIME (MINUTES)
0
1.60
1.65
1.70
30
4010 G02
1.55
1.50
10
20
40
1.45
1.35
1.40
1.75
40
45
50
35
30
25
15
20
55
CHARGE CURRENT
BATTERY
TEMPERATURE
SINGLE CELL
VOLTAGE
1A
2A
3A
4 SERIES NiCd 1300mAhr
SC CELLS CHARGED AT 2C
NiCd Charge Cycle at 1C
NiCd Charge Cycle at 2C
Typical perForMance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com