Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4350IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4350IGN
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4350IGN Datasheet HTML 6Page - Linear Technology LTC4350IGN Datasheet HTML 7Page - Linear Technology LTC4350IGN Datasheet HTML 8Page - Linear Technology LTC4350IGN Datasheet HTML 9Page - Linear Technology LTC4350IGN Datasheet HTML 10Page - Linear Technology LTC4350IGN Datasheet HTML 11Page - Linear Technology LTC4350IGN Datasheet HTML 12Page - Linear Technology LTC4350IGN Datasheet HTML 13Page - Linear Technology LTC4350IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC4350
0
4350fb
increases. The output voltage will then increase by an
amountequaltothevoltagedropacrossROUT.Theexternal
resistor, RSET, sets the voltage to current relationship in
the IOUT block. The current in ROUT is defined as IADJ =
(VCOMP2 – 0.58V)/RSET.
The maximum voltage that can be applied across RSET is
1V. The range of the output voltage adjustment is set to
be VMAXADJ = ROUT/RSET. This sets the worst-case output
voltage if the share bus is accidentally shorted to VCC. As
mentioned previously, this range is set to be 2% to 10%
in value.
The compensation elements, CCP1 and CCP2, are used
to set the crossover frequencies of the two error ampli-
fiers E/A1 and E/A2. In the Design Example section, the
calculations for choosing all of the components will be
discussed.
Output Adjust Soft-Start
In the LTC4350, there is soft-start circuitry that holds the
COMP2 pin at ground until both the GATE pin is 4V above
the VCC pin and a timer cycle is completed following the
UV pin becoming active.
Upon power-up, most of the circuitry is active including
the circuits that monitor and adjust the output voltage.
The external power FETs are initially open circuit when
power is applied. It takes about 10ms to 100ms for the
FETs to transition from the off to the fully on state (as
discussedinthefollowingHotSwappingsection).During
this time the FB pin is near ground which forces the SB
to the positive rail. The COMP2 pin is then forced to the
positive rail, which forces the RSET pin to 1V. The volt-
age at the output of the power supply is now adjusted to
its maximum adjusted value, which can be 10% above
nominal. Once the power FETs are turned on, the load
will see this adjusted output voltage. This appears to be
a voltage overshoot at the load that exists until the loop
can correct itself. The dominant pole in the loop exists
on the COMP2 pin. Therefore, the overshoot duration is
determined by the discharge time of the COMP2 pin.
In order to eliminate this overshoot, the COMP2 pin is
clamped at ground until the GATE pin is 4V above the VCC
pin (power FETs are turned on). Now, the COMP2 pin will
begin to charge up until the FB pin regulates at 1.220V.
In cases where the power FETs are turned on but the
power supply is still ramping up, the load voltage may
overshoot. For these cases, the COMP2 pin is clamped to
ground during one timing cycle. If the UV pin is greater
than 1.244V, the chip begins the timer cycle. The timer
cycle uses a 2µA current source into an external capacitor
on the TIMER pin. As soon as the voltage at the TIMER
pin exceeds 1.220V, the timer cycle is over. The time-out
is defined as t = CT • 1.220V/2µA. At the end of the timer
cycle, the power supply ramping should be complete.
Faults
There are several types of power supply output faults.
Shorts from the output to ground or to a positive voltage
greater than the normal output voltage are considered
“hard faults.” These faults require the bad power supply
to be immediately disconnected from the load in order to
prevent disruption of the system. “Soft faults” include
power supply failed open-circuit or load current sharing
failure where the output voltage is normal but load sharing
between several supplies is not equal. The LTC4350 can
isolate soft and hard faults and signal a system controller
using the STATUS pin.
HARD FAULTS
The LTC4350 can identify faults in the power supply and
isolate them from the load if optional external power FETs
are included between the power supply and the load. In
the case of a power supply output short to ground, the
reverse current block will sense that the voltage across
the current sense resistor has changed directions and has
exceeded 30mV for more than 5µs. The gate of the external
power FETs is immediately pulled low disconnecting the
short from the load. The gate is allowed to ramp-up and
turn-on the power FETs as soon as the reverse voltage
across the sense resistor is less than 30mV.
The condition where a power supply output shorts to a
high voltage is referred to as an overvoltage fault. In this
case, the gate of the power FETs is pulled low disconnect-
ing the overvoltage from the load. This feature uses the
OV pin to monitor the power supply output voltage. Once
the voltage on the OV pin exceeds the 1.220V threshold,
the gate of the external power FETs is pulled low.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com