Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4350IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4350IGN
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4350IGN Datasheet HTML 9Page - Linear Technology LTC4350IGN Datasheet HTML 10Page - Linear Technology LTC4350IGN Datasheet HTML 11Page - Linear Technology LTC4350IGN Datasheet HTML 12Page - Linear Technology LTC4350IGN Datasheet HTML 13Page - Linear Technology LTC4350IGN Datasheet HTML 14Page - Linear Technology LTC4350IGN Datasheet HTML 15Page - Linear Technology LTC4350IGN Datasheet HTML 16Page - Linear Technology LTC4350IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC4350

4350fb
applicaTions inForMaTion
The resistors ROUT and RSET set the adjustment range.
The voltage on RSET is translated to a voltage on ROUT
by the ratio of ROUT/RSET. Therefore, the adjustment on
the output voltage will track the voltage at the RSET pin
which is also the voltage on the COMP2 pin minus a diode
voltage. The expression is VADJ = (VRSET) • ROUT/RSET =
(VCOMP2 – VDIODE) • ROUT/RSET. The maximum voltage at
VRSET is limited to 1V. The maximum adjustment on the
output is expressed as VADJMAX = ROUT/RSET. A normal
value for RSET is in the 50Ω to 100Ω range.
If we set RSET to be 100Ω, then an ROUT of 100Ω allows
the output voltage a full 1V adjustment. For the 0.3V range
in this example, the ROUT is 30Ω. In some power modules,
there already exists a resistor between the SENSE+ line
and the power output. In this case, the value of ROUT is the
parallel combination of two resistors, one in the module
and one placed between the SENSE+ and output terminals
of the module.
The value of the gain setting resistor, RGAIN, depends on
the maximum voltage drop across the sense resistor and
the supply voltage VCC for the chip. The highest possible
voltage at the GAIN pin is 1.5V from the VCC voltage.
The maximum voltage on the GAIN pin is expressed as:
VGAINMAX = RSENSE • IMAX • RGAIN/1k = VCC – 1.5V. The
expression for RGAIN: RGAIN = (VCC – 1.5V) • 1k/(RSENSE
IMAX). In this example, VCC is 5V, IMAX is 20A and RSENSE
is 0.002Ω. Therefore, RGAIN is 87.5k but using 1% values
results in 86.6k.
The FB pin divider provides a 1.220V output for a 5V
input. The precision of the FB pin divider resistors will
impact the accuracy of the final output voltage. The UV
resistive divider in this example, turns on the gate when
VCC increases above 4V. This corresponds to the UV pin at
1.220V. The capacitor CUV prevents false activation during
load steps. The OV set point needs to occur above the
adjustment max for VCC. The power supply output (which
also is VCC), can start as high as 5V and adjust upwards
to 5.3V. The OV set point in this example is 5.5V on VCC
when the OV pin is at 1.220V.
The timer capacitor CT is set to be 0.1µF for a 61ms
timer cycle. The expression is t = CT • 1.22V/2µA. The
gate capacitor CG is set to be 0.1µF which sets a slope
of 10µA/CG or 1V every 10ms. In this case, the GATE pin
must charge up to 9V before the output can ramp to 5V
which happens in 90ms. In this case, the output adjust
soft-start turns on when the gate ramps above 9V. The
soft-start circuitry releases the COMP2 pin allowing the
load sharing loop to function. A 100Ω resistor RGprevents
high frequency oscillations from the power FETs at their
turn-on threshold. A 0.1µF bypass capacitor is required on
the VCC pin. If the VCC pin is tied to the same power sup-
ply output that is being adjusted, then a 51Ω decoupling
resistor is needed to hold up the supply during a short to
ground on the supply output.
COMPENSATION
The compensation capacitor, CP1, is needed to set the
crossover frequency of the feedback error amplifier E/A1.
The crossover frequency of 200kHz is adequate for most
applications and requires CP1 to be 1000pF (0.001µF).
Thedesignoftheothercompensationcapacitorwillrequire
someknowledgeaboutthepowersupply’sbandwidth.The
bandwidth can be measured easily. First, use a storage
oscilloscope to monitor the power supply output voltage.
Then place a 1A resistive fixed load and switch in a second
resistive load that increases the total load current close
to rated maximum. Tapping the second resistor (with
the correct power rating) to the power supply output
creates this load step. Trigger the scope on the falling
edge of the output voltage as it drops more than 100mV
(for example from 5V to 4.8V). The recovery time, tR,
from the step needs to be measured. tR is defined as
the 10% to 90% time measurement (see Figure 6). The
4350 F06
t
tr
0.1∆V
∆V
0.1∆V
90%
10%
Figure 6. tR Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com