Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4350IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4350IGN
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4350IGN Datasheet HTML 10Page - Linear Technology LTC4350IGN Datasheet HTML 11Page - Linear Technology LTC4350IGN Datasheet HTML 12Page - Linear Technology LTC4350IGN Datasheet HTML 13Page - Linear Technology LTC4350IGN Datasheet HTML 14Page - Linear Technology LTC4350IGN Datasheet HTML 15Page - Linear Technology LTC4350IGN Datasheet HTML 16Page - Linear Technology LTC4350IGN Datasheet HTML 17Page - Linear Technology LTC4350IGN Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
LTC4350

4350fb
applicaTions inForMaTion
4
3
2
1
RGAIN
RSET
GAIN
RSET
IOUT
R+
R–
FB
TIMER
CT
STATUS
SB
COMP1
VCC
GATE
GND
COMP2
LTC4350
UV
OV
CP1
CP2
RP2
CG
RG
RSENSE
ROUT
RTN
–48V RTN
–48V RTN
–48V
LOAD
–48V
GND
SB
STATUS
3.3VOUT
–48V
CONNECTOR
4350 F07
3.3V
POWER SUPPLY 1
OUT+
VIN+
VIN–
VDD
LT4250L
DRAIN
OV
UV
GATE
SENSE
VEE
SENSE+
SENSE–
OUT–
4
3
2
1
4
3
2
1
RGAIN
RSET
GAIN
RSET
IOUT
R+
R–
FB
TIMER
CT
STATUS
SB
COMP1
VCC
GATE
GND
COMP2
LTC4350
UV
OV
CP1
CP2
RP2
CG
RG
RSENSE
ROUT
RTN
–48V RTN
–48V
GND
SB
STATUS
3.3VOUT
–48V
CONNECTOR
3.3V
POWER SUPPLY 2
OUT+
VIN+
VIN–
ON/OFF
PWRGD
VDD
LT4250L
DRAIN
OV
UV
GATE
SENSE
VEE
SENSE+
SENSE–
OUT–
4
3
2
1
CUV
CUV
ON/OFF
PWRGD
Figure 7. –48V to 3.3V Hot Swap Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com