Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4350IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4350IGN
Description  Hot Swappable Load Share Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4350IGN Datasheet HTML 10Page - Linear Technology LTC4350IGN Datasheet HTML 11Page - Linear Technology LTC4350IGN Datasheet HTML 12Page - Linear Technology LTC4350IGN Datasheet HTML 13Page - Linear Technology LTC4350IGN Datasheet HTML 14Page - Linear Technology LTC4350IGN Datasheet HTML 15Page - Linear Technology LTC4350IGN Datasheet HTML 16Page - Linear Technology LTC4350IGN Datasheet HTML 17Page - Linear Technology LTC4350IGN Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC4350

4350fb
compensation capacitor CP2 can be looked up in Table 1
using tR. The value for the zero setting resistor, RP1, is
150Ω. This value guarantees the zero is at or above the
crossover frequency.
Table 1
tR
fC = 0.35/tR
CP2
5µs
70kHz
0.1µF
10µs
35kHz
0.22µF
20µs
17.5kHz
0.47µF
40µs
8.8kHz
1µF
60µs
5.8kHz
1.5µF
80µs
4.4kHz
2.2µF
100µs
3.5kHz
2.7µF
150µs
2.3kHz
3.3µF
200µs
1.8kHz
4.7µF
300µs
1.2kHz
6.8µF
400µs
0.9kHz
10µF
500µs
0.7kHz
12µF
OTHER APPLICATIONS
The application shown on the first page of this data sheet
assumes that the power supplies and the load reside on
one main board. If the system is a true N + 1 hot swappable
power supply, then the LTC4350 will reside with the power
supply on a daughter card that plugs into the main board.
In this case, the input and output capacitors need to be
hot swapped (see Figure 7). The output capacitors are Hot
Swap protected by the LTC4350. The input capacitors are
Hot Swap protected using the LT®4250. Other Hot Swap
parts are described in Table 2.
Table 2
VOLTAGE RANGE
PART NUMBER
3.3V to 12V
LTC1422 Single Channel
LTC1645 Dual Chanel
3.3V to 15V
LTC1642 Overvoltage Protection
2.7V to 16.5V
LTC1647 Dual Channel
9V to 80V
LT1641 Positive High Voltage
–20V to –80V
LT4250 Negative High Voltage
Insomecases,theoutputvoltageisbelowtheundervoltage
lockout of the LTC4350. In this case, an external supply
of 3.3V or greater needs to provide for the chip. Figure 8
shows a 1.5V output redundant power supply that uses
24V to 1.5V switching power supplies. The VCC pin of
the LTC4350 can be driven from the INTVCC pin of the
LTC1629.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com