Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HYMP31GP72CMP4-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 10Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 11Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 12Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 13Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 14Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 15Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 16Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Rev. 0.7 / Jun. 2009
13
1
240pin Registered DDR2 SDRAM DIMMs
INPUT DC LOGIC LEVEL
INPUT AC LOGIC LEVEL
AC INPUT TEST CONDITIONS
Note:
1.
Input waveform timing is referenced to the input signal crossing through the VREF level applied to the device under test.
2.
The input signal minimum slew rate is to be maintained over the range from VREF max to VIH(ac) min for rising edges and the
range from VREF min to VIL(ac) max for falling edges as shown in the below figure.
3.
AC timings are referenced with input waveforms switching from VIL (ac) to VIH (ac) on the positive transitions and VIH (ac) to
VIL (ac) on the negative transitions.
Parameter
Symbol
Min
Max
Unit
Note
dc Input logic HIGH
VIH(DC)
VREF + 0.125
VDDQ + 0.3
V
dc Input logic LOW
VIL(DC)
-0.30
VREF - 0.125
V
Parameter
Symbol
DDR2 400/533
DDR2 667/800
Unit
Notes
Min
Max
Min
Max
ac Input logic HIGH
VIH(AC)
VREF + 0.250
-
VREF + 0.200
-
V
ac Input logic LOW
VIL(AC)
-VREF - 0.250
-
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
< Figure: AC Input Test Signal Waveform >
VSWING(MAX)
∆TR
∆TF
Start of Falling Edge Input Timing
Start of Rising Edge Input Timing
VREF - VIL(ac) max
∆TF
Falling Slew =
Rising Slew =
VIH(ac) min - VREF
∆TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com