Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP31GP72CMP4-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Rev. 0.7 / Jun. 2009
4
1
240pin Registered DDR2 SDRAM DIMMs
PIN DESCRIPTION
PIN LOCATION
Pin
Pin Description
Pin
Pin Description
CK0
Clock Input, positive line
ODT[1:0]
On Die Termination Inputs
CK0
Clock input, negative line
VDDQ
DQs Power Supply
CKE0~CKE1
Clock Enable Input
DQ0~DQ63
Data Input/Output
RAS
Row Address Strobe
CB0~CB7
Data check bits Input/Output
CAS
Column Address Strobe
DQS(0~8)
Data strobes
WE
Write Enable
DQS(0~8)
Data strobes, negative line
S0,S1
Chip Select Input
DM(0~8),DQS(9~17)
Data Maskes/Data strobes
A0~A9,A11~A13
Address input
DQS(9~17)
Data strobes, negative line
A10/AP
Address input/Autoprecharge
RFU
Reserved for Future Use
BA0, BA1, BA2
SDRAM Bank Address
NC
No Connect
SCL
Serial Presence Detect (SPD) Clock Input
TEST
Memory bus test tool (Not Connected and Not
Usable on DIMMs)
SDA
SPD Data Input/Output
VDD
Core Power
SA0~SA2
E2PROM Address Inputs
VDDQ
I/O Power Supply
Par_In
Parity bit for the Address and Control bus
VSS
Ground
Err_Out
Parity error found on the Addre
VREF
Reference Power Supply
RESET
Reset Enable
VDDSPD
Power Supply for SPD
CB0~CB7
Data Strobe Inputs/Outputs
pin #1
Front Side
Pin #64
Pin #65
Pin #120
Pin #121
Back Side Pin #184 Pin #185
pin #240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com