Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HYMP31GP72CMP4-C4 Datasheet HTML 17Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 18Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 19Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 20Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 21Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 22Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 23Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 24Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Rev. 0.7 / Jun. 2009
22
1
240pin Registered DDR2 SDRAM DIMMs
IDD Measurement Conditions
Note:
1. IDD specifications are tested after the device is properly initialized
2. Input slew rate is specified by AC Parametric Test Condition
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, DQS, RDQS, RDQS, LDQS, LDQS, UDQS, and UDQS. IDD values must be met with all combinations
of EMRS bits 10 and 11.
5. Definitions for IDD
LOW is defined as Vin
≤ VILAC (max)
HIGH is defined as Vin
≥ VIHAC (min)
STABLE is defined as inputs stable at a HIGH or LOW level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as: inputs changing between HIGH and LOW every other clock cycle (once per two clocks) for address and con-
trol signals, and inputs changing between HIGH and LOW every other data transfer (once per clock) for DQ signals not including
masks or strobes
Symbol
Conditions
Units
IDD0
Operating one bank active-precharge current; tCK = tCK(IDD), tRC = tRC(IDD), tRAS = tRASmin (IDD);
CKE is HIGH, CS is HIGH between valid commands; Address bus inputs are SWITCHING; Data bus inputs
are SWITCHING
mA
IDD1
Operating one bank active-read-precharge current; IOUT = 0mA;BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK(IDD), tRC = tRC (IDD), tRAS = tRASmin (IDD), tRCD = tRCD(IDD); CKE is HIGH, CS is HIGH
between valid commands; Address bus inputs are SWITCHING; Data pattern is same as IDD4W
mA
IDD2P
Precharge power-down current; All banks idle; tCK = tCK(IDD); CKE is LOW; Other control and address
bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2Q
Precharge quiet standby current; All banks idle; tCK = tCK(IDD);CKE is HIGH, CS is HIGH; Other control
and address bus inputs are STABLE; Data bus inputs are FLOATING
mA
IDD2N
Precharge standby current; All banks idle; tCK = tCK(IDD); CKE is HIGH, CS is HIGH; Other control and
address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD3P
Active power-down current; All banks open; tCK = tCK(IDD); CKE is LOW;
Other control and address bus inputs are STABLE; Data bus inputs are
FLOATING
Fast PDN Exit MRS(12) = 0
mA
Slow PDN Exit MRS(12) = 1
mA
IDD3N
Active standby current; All banks open; tCK = tCK(IDD), tRAS = tRASmax (IDD), tRP =tRP(IDD); CKE is
HIGH, CS is HIGH between valid commands; Other control and address bus inputs are SWITCHING; Data
bus inputs are SWITCHING
mA
IDD4W
Operating burst write current; All banks open, Continuous burst writes; BL = 4, CL = CL(IDD), AL = 0; tCK =
tCK(IDD), tRAS = tRASmax (IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between valid commands;
Address bus inputs are SWITCHING; Data bus inputs are SWITCHING
mA
IDD4R
Operating burst read current; All banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL = CL(IDD),
AL = 0; tCK = tCK(IDD), tRAS = tRASmax (IDD), tRP = tRP(IDD); CKE is HIGH, CS is HIGH between valid
commands; Address bus inputs are SWITCHING; Data pattern is same as IDD4W
mA
IDD5B
Burst refresh current; tCK = tCK(IDD); Refresh command at every tRFC(IDD) interval; CKE is HIGH, CS is
HIGH between valid commands; Other control and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING
mA
IDD6
Self refresh current; CK and CK at 0V; CKE
≤ 0.2V; Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING. IDD6 current values are guaranted up to Tcase of 85℃ max.
mA
IDD7
Operating bank interleave read current; All bank interleaving reads, IOUT = 0mA; BL = 4, CL = CL(IDD), AL
= tRCD(IDD)-1*tCK(IDD); tCK = tCK(IDD), tRC = tRC(IDD), tRRD = tRRD(IDD), tRCD = 1*tCK(IDD); CKE is
HIGH, CS is HIGH between valid commands; Address bus inputs are STABLE during DESELECTs; Data pat-
tern is same as IDD4R; - Refer to the following page for detailed timing conditions
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com