Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HYMP31GP72CMP4-C4 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMP31GP72CMP4-C4
Description  240pin Registered DDR2 SDRAM DIMMs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP31GP72CMP4-C4 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMP31GP72CMP4-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP31GP72CMP4-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Rev. 0.7 / Jun. 2009
2
1
240pin Registered DDR2 SDRAM DIMMs
SPEED GRADE & KEY PARAMETERS
ADDRESS TABLE
E3
(DDR2-400)
C4
(DDR2-533)
Y5
(DDR2-667)
S6
(DDR2-800)
S5
(DDR2-800)
Unit
Speed@CL3
400
400
400
-
400
Mbps
Speed@CL4
-
533
533
533
533
Mbps
Speed@CL5
-
-
667
667
800
Mbps
Speed@CL6
-
-
-
800
-
Mbps
CL-tRCD-tRP
3-3-3
4-4-4
5-5-5
6-6-6
5-5-5
tCK
Density Organization
Ranks
SDRAMs
# of
DRAMs
# of row/bank/column Address
Refresh
Method
1GB
128M x 72
1
128Mb x 8
9
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
2GB
256M x 72
2
128Mb x 8
18
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
2GB
256M x 72
1
256Mb x 4
18
14(A0~A13)/3(BA0~BA2)/11(A0~A9,A11)
8K / 64ms
4GB
512M x 72
4
128Mb x 8
36
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
4GB
512M x 72
2
256Mb x 4
36
14(A0~A13)/3(BA0~BA2)/11(A0~A9,A11)
8K / 64ms
8GB
1G x 72
4
256Mb x 4
72
14(A0~A13)/3(BA0~BA2)/11(A0~A9,A11)
8K / 64ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com