Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4366CX8 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4366CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4366CX8 Datasheet HTML 1Page - NXP Semiconductors IP4366CX8 Datasheet HTML 2Page - NXP Semiconductors IP4366CX8 Datasheet HTML 3Page - NXP Semiconductors IP4366CX8 Datasheet HTML 4Page - NXP Semiconductors IP4366CX8 Datasheet HTML 5Page - NXP Semiconductors IP4366CX8 Datasheet HTML 6Page - NXP Semiconductors IP4366CX8 Datasheet HTML 7Page - NXP Semiconductors IP4366CX8 Datasheet HTML 8Page - NXP Semiconductors IP4366CX8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
2 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
2.
Pinning information
2.1 Pinning
2.2 Pin description
3.
Ordering information
Fig 1.
Pin configuration
008aaa206
transparent top view,
solder balls facing down
A
23
1
B
C
bump A1
index area
Table 1.
Pinning
Pin
Description
A1
not connected (missing ball)
A2
external pin 1
A3
internal pin 1
B1
external pin 2
B2
ground
B3
internal pin 2
C1
external pin 3
C2
supply ESD protection
C3
internal pin 3
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4064CX8/LF/P
WLCSP8
wafer level chip-size package; 8 bumps; 1.41
× 1.41 × 0.65 mm
IP4064CX8/LF/P
IP4364CX8/LF/P
WLCSP8
wafer level chip-size package; 8 bumps; 1.16
× 1.16 × 0.61 mm
IP4364CX8/LF/P
IP4366CX8/P
WLCSP8
wafer level chip-size package; 8 bumps; 1.16
× 1.16 × 0.61 mm
IP4366CX8/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com