Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4366CX8 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4366CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4366CX8 Datasheet HTML 2Page - NXP Semiconductors IP4366CX8 Datasheet HTML 3Page - NXP Semiconductors IP4366CX8 Datasheet HTML 4Page - NXP Semiconductors IP4366CX8 Datasheet HTML 5Page - NXP Semiconductors IP4366CX8 Datasheet HTML 6Page - NXP Semiconductors IP4366CX8 Datasheet HTML 7Page - NXP Semiconductors IP4366CX8 Datasheet HTML 8Page - NXP Semiconductors IP4366CX8 Datasheet HTML 9Page - NXP Semiconductors IP4366CX8 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
6 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
7.3 Crosstalk
The crosstalk measurement configuration of a typical 50
Ω NWA system for evaluation of
the IP4064CX8, IP4364CX8 and IP4366CX8 is shown in Figure 6.
Four typical examples of crosstalk measurement results of IP4064CX8 and IP4364CX8
are depicted in Figure 7a. The crosstalk behavior of IP4366CX8 is shown in Figure 7b.
Unused channels are terminated with 50
Ω to ground.
Fig 6.
Crosstalk measurement configuration
OUT_2
001aai756
50
Ω
50
Ω
Vgen
DUT
IN_1
OUT_1
IN_2
TEST BOARD
50
Ω
50
Ω
(1) Pin C1 to pin B3.
(2) Pin B1 to pin C3.
(3) Pin B1 to pin A3.
(4) Pin A2 to pin C3.
(1) Pin B1 to pin C3.
(2) Pin A2 to pin B3.
(3) Pin B1 to pin A3.
(4) Pin A2 to pin C3.
(5) Pin C2 to pin A3.
(6) Pin C2 to pin C3.
a. IP4064CX8 and IP4364CX8
b. IP4366CX8
Fig 7.
Measured crosstalk between different channels
008aaa208
−60
−40
−80
−20
0
αct
(dB)
−100
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)
008aaa209
−60
−40
−80
−20
0
αct
(dB)
−100
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com