Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4366CX8 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP4366CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP4366CX8 Datasheet HTML 1Page - NXP Semiconductors IP4366CX8 Datasheet HTML 2Page - NXP Semiconductors IP4366CX8 Datasheet HTML 3Page - NXP Semiconductors IP4366CX8 Datasheet HTML 4Page - NXP Semiconductors IP4366CX8 Datasheet HTML 5Page - NXP Semiconductors IP4366CX8 Datasheet HTML 6Page - NXP Semiconductors IP4366CX8 Datasheet HTML 7Page - NXP Semiconductors IP4366CX8 Datasheet HTML 8Page - NXP Semiconductors IP4366CX8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
5 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
7.2 Insertion loss
The IP4064CX8, IP4364CX8 and IP4366CX8 are mainly designed as an EMI/RFI filter for
SIM card interfaces. The insertion loss measurement configuration of a typical 50
Ω
NetWork Analyzer (NWA) system for evaluation of the IP4064CX8, IP4364CX8 and
IP4366CX8 is shown in Figure 4.
The insertion loss in a 50
Ω NWA system for all three channels of IP4064CX8 and
IP4364CX8 is depicted in Figure 5a while insertion loss of IP4366CX8 is shown in
Figure 5b. The insertion loss is measured with a test Printed-Circuit Board (PCB) utilizing
laser drilled micro-via holes that connect the PCB ground plane to the ground pins.
Fig 4.
Frequency response measurement configuration
OUT
001aai755
50
Ω
50
Ω
Vgen
DUT
IN
TEST BOARD
(1) Channel B1 to B3.
(2) Channel A2 to A3.
(3) Channel C1 to C3.
a. IP4064CX8 and IP4364CX8
b. IP4366CX8
Fig 5.
Measured insertion loss magnitudes
001aag219
−20
−30
−10
0
s21
(dB)
−40
f (MHz)
10−1
104
103
1102
10
(1)
(3)
(2)
008aaa207
−20
−30
−10
0
s21
(dB)
−40
f (MHz)
10−1
104
103
1102
10
(1)
(3)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com