Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4366CX8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IP4366CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4366CX8 Datasheet(HTML) 3 Page - NXP Semiconductors

  IP4366CX8 Datasheet HTML 1Page - NXP Semiconductors IP4366CX8 Datasheet HTML 2Page - NXP Semiconductors IP4366CX8 Datasheet HTML 3Page - NXP Semiconductors IP4366CX8 Datasheet HTML 4Page - NXP Semiconductors IP4366CX8 Datasheet HTML 5Page - NXP Semiconductors IP4366CX8 Datasheet HTML 6Page - NXP Semiconductors IP4366CX8 Datasheet HTML 7Page - NXP Semiconductors IP4366CX8 Datasheet HTML 8Page - NXP Semiconductors IP4366CX8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
3 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
4.
Functional diagram
5.
Limiting values
[1]
Device is qualified with 1000 pulses of
±15 kV contact discharges each, according to the IEC61000-4-2
model and far exceeds the specified level 4 (8 kV contact discharge).
Fig 2.
Schematic diagram
008aaa210
100
Ω
R1
47
Ω
R2
100
Ω
R3
A3
B3
C3
IEC61000-4-2
level 1
protection pins
IEC61000-4-2
level 4
protection pins
A2
C2
B1
C1
B2
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
−0.5
+5.5
V
VESD
electrostatic discharge
voltage
pins A2, B1, C1 and C2
to ground
contact discharge
[1]
−15
+15
kV
air discharge
[1]
−15
+15
kV
IEC 61000-4-2 level 4;
pins A2, B1, C1 and C2
to ground
contact discharge
−8
+8
kV
air discharge
−15
+15
kV
IEC 61000-4-2 level 1;
pins A3, B3 and C3 to
ground
contact discharge
−2
+2
kV
air discharge
−2
+2
kV
Pch
channel power dissipation
continuous power;
Tamb = 70 °C
-
60
mW
Ptot
total power dissipation
continuous power;
Tamb = 70 °C
-
180
mW
Tstg
storage temperature
−55
+150
°C
Treflow(peak) peak reflow temperature
10 s maximum
-
260
°C
Tamb
ambient temperature
−35
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com