Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97BTP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 2 Page - NXP Semiconductors

  SE97BTP Datasheet HTML 1Page - NXP Semiconductors SE97BTP Datasheet HTML 2Page - NXP Semiconductors SE97BTP Datasheet HTML 3Page - NXP Semiconductors SE97BTP Datasheet HTML 4Page - NXP Semiconductors SE97BTP Datasheet HTML 5Page - NXP Semiconductors SE97BTP Datasheet HTML 6Page - NXP Semiconductors SE97BTP Datasheet HTML 7Page - NXP Semiconductors SE97BTP Datasheet HTML 8Page - NXP Semiconductors SE97BTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
2 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
2.
Features
2.1 General features
JEDEC (JC-42.4) DIMM temperature sensor plus 256-byte serial EEPROM for Serial
Presence Detect (SPD)
SDA open-drain output design for best operation in distributed multi-point applications
Shutdown current: 0.1
μA (typ.) and 5.0 μA (max.)
Power-on reset: 1.8 V (typ.)
2-wire interface: I2C-bus/SMBus compatible, 0 Hz to 400 kHz
SMBus Alert Response Address and TIMEOUT 25 ms to 35 ms (programmable)
ESD protection exceeds 2500 V HBM per JESD22-A114, 250 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Available in HWSON8 package
2.2 Temperature sensor features
11-bit ADC Temperature-to-Digital converter with 0.125
°C resolution
Voltage range: 3.0 V to 3.6 V
Operating current: 250
μA (typ.) and 400 μA (max.)
Table 1.
Comparison of SE97 versus SE97B features
Feature
SE97
SE97B
JEDEC specification
old JEDEC specification
new JEDEC specification
Bit 8 ‘1’ Thermal Sensor shutdown
no SMBus Timeout
SMBus Timeout 25 ms to 35 ms
Bit 8 ‘0’ Thermal Sensor active
SMBus Timeout 25 ms to 35 ms
I2C-bus maximum frequency
400 kHz
I2C SCL and SDA VIL/VIH voltage levels
VIL(max) =0.3 × VDD; VIH(min) =0.7 × VDD
Capabilities bit 6 SMBus Timeout
set to 0
set to 1
EVENT pin operation
frozen
de-assert
Capabilities bit 7 EVENT pin
set to 0
set to 1
A0 pin is 10 V tolerant
yes
Capabilities bit 5 VHV
set to 0
set to 1
I2C spike suppression
50 ns
I2C input hysteresis
-
0.05
× V
DD
SE97 Device ID register
1010 0010
Revision ID register
0000 0001
0000 0011
Temperature Sensor accuracy
Grade B
Improved Grade B
Power-On Reset (POR)
0.6 V
1.8 V
Temperature Sensor voltage range
3.0 V to 3.6 V
EEPROM Write voltage range
3.0 V to 3.6 V
EEPROM Read voltage range
1.7 V to 3.6 V
3.0 V to 3.6 V
2mm
× 3mm × 0.8 mm package
assembly plant Hong Kong
assembly plant Bangkok
(thicker die and leadframe)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com