Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97BTP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SE97BTP Datasheet HTML 35Page - NXP Semiconductors SE97BTP Datasheet HTML 36Page - NXP Semiconductors SE97BTP Datasheet HTML 37Page - NXP Semiconductors SE97BTP Datasheet HTML 38Page - NXP Semiconductors SE97BTP Datasheet HTML 39Page - NXP Semiconductors SE97BTP Datasheet HTML 40Page - NXP Semiconductors SE97BTP Datasheet HTML 41Page - NXP Semiconductors SE97BTP Datasheet HTML 42Page - NXP Semiconductors SE97BTP Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
39 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
[1]
If the temperature sensor is not needed it should be placed in standby, which will reduce IDD(AV) to 0.1 μA typical at room temperature or
3.0
μA typical at 125 °C.
[2]
High-voltage input voltage applied to pin A0 during RWP and CRWP operations. The JEDEC specification is 7 V (min.) and 10 V (max.).
When VDD is 3.6 V, then II(ov) >4.8 V +VDD or > 4.8 V + 3.6 V then the minimum voltage is 8.4 V.
Table 31.
DC characteristics
VDD = 3.0 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified. These specifications are guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
-
3.6
V
IDD(AV)
average supply current
SMBus inactive
[1] -
210
320
μA
IDD
supply current
fSCL = 400 kHz
-
250
400
μA
Isd(VDD)
supply voltage shutdown
mode current
SMBus inactive
-
0.1
10
μA
VIH
HIGH-level input voltage
SCL, SDA
0.7
× V
DD
-VDD +1
V
VIL
LOW-level input voltage
SCL, SDA
−0.5
-
+0.3
× V
DD
V
VI(ov)
overvoltage input voltage
pin A0; VI(ov) − VDD >4.8 V
[2] 7.0
-
10
V
VOL
LOW-level output voltage
SDA, EVENT
IOL =0.7 mA
-
-
0.2
V
IOL =2.1 mA
-
-
0.4
V
IOL =3.0 mA
-
-
0.5
V
VI(hys)
hysteresis of input voltage
VDD ≥ 2.2 V
0.05
× V
DD
--
V
VDD ≤ 2.2 V
0.10
× V
DD
--
V
Vth(POR)H
HIGH-level power-on reset
threshold voltage
device operation voltage increase
-
-
2.9
V
Vth(rec)POR
power-on reset recovery
threshold voltage
device reset voltage decrease
1.2
1.8
-
V
ILOH
HIGH-level output leakage
current
EVENT; VOH =VDD
−1.0
-
+1.0
μA
ILIH
HIGH-level input leakage
current
SDA, SCL; VI =VDD
−1.0
-
+1.0
μA
ILIL
LOW-level input leakage
current
SDA, SCL; VI =VSS
−1.0
-
+1.0
μA
A0, A1, A2; VI =VSS
−1.0
-
+1.0
μA
Ci(SCL/SDA) SCL and SDA input
capacitance
-5
8
pF
Ci(addr)
address input capacitance
-
5
10
pF
Ipd
pull-down current
internal; A0, A1, A2 pins;
VI =0.3VDD to VDD
--
4.0
μA
ZIL
LOW-level input impedance
pins A0, A1, A2; VI <0.3VDD
30
-
-
k
Ω
ZIH
HIGH-level input impedance
pins A0, A1, A2; VI ≥ 0.3VDD
800
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com