Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97BTP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 3 Page - NXP Semiconductors

  SE97BTP Datasheet HTML 1Page - NXP Semiconductors SE97BTP Datasheet HTML 2Page - NXP Semiconductors SE97BTP Datasheet HTML 3Page - NXP Semiconductors SE97BTP Datasheet HTML 4Page - NXP Semiconductors SE97BTP Datasheet HTML 5Page - NXP Semiconductors SE97BTP Datasheet HTML 6Page - NXP Semiconductors SE97BTP Datasheet HTML 7Page - NXP Semiconductors SE97BTP Datasheet HTML 8Page - NXP Semiconductors SE97BTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
3 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
Programmable hysteresis threshold: off, 0
°C, 1.5 °C, 3 °C, 6 °C
Over/under/critical temperature EVENT output
B-grade accuracy:
±0.5 °C/±1 °C (typ./max.) → +75 °C to +95 °C
±1.0 °C/±2 °C (typ./max.) → +40 °C to +125 °C
±2.0 °C/±3 °C (typ./max.) →−40 °C to +125 °C
2.3 Serial EEPROM features
Read and write voltage range: 3.0 V to 3.6 V
Operating current:
Write
→ 0.6 mA (typ.) for 3.5 ms (typ.)
Read
→ 100 μA (typ.)
Organized as 1 block of 256 bytes (256
× 8)
100,000 write/erase cycles and 10 years of data retention
Permanent and Reversible Software Write Protect
Software Write Protection for the lower 128 bytes
3.
Applications
DDR2 and DDR3 memory modules
Laptops, personal computers and servers
Enterprise networking
Hard disk drives and other PC peripherals
4.
Ordering information
[1]
Industry standard 2 mm
× 3mm × 0.8 mm package to JEDEC WCE-3, PSON8 in 8 mm × 4 mm pitch tape 4 k quantity reels.
Table 2.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
SE97BTP[1]
97B
HWSON8
plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals; body 2
× 3 × 0.8 mm
SOT1069-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com