Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97BTP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SE97BTP
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97BTP Datasheet(HTML) 5 Page - NXP Semiconductors

  SE97BTP Datasheet HTML 1Page - NXP Semiconductors SE97BTP Datasheet HTML 2Page - NXP Semiconductors SE97BTP Datasheet HTML 3Page - NXP Semiconductors SE97BTP Datasheet HTML 4Page - NXP Semiconductors SE97BTP Datasheet HTML 5Page - NXP Semiconductors SE97BTP Datasheet HTML 6Page - NXP Semiconductors SE97BTP Datasheet HTML 7Page - NXP Semiconductors SE97BTP Datasheet HTML 8Page - NXP Semiconductors SE97BTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
5 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for HWSON8
terminal 1
index area
1
A0
SE97BTP
002aae311
Transparent top view
2
A1
3
A2
4
8
7
6
5
VSS
VDD
EVENT
SCL
SDA
Table 3.
Pin description
Symbol
Pin
Type
Description
A0
1
I
I2C-bus/SMBus slave address bit 0 with internal pull-down. This
input is overvoltage tolerant to support software write protection.
A1
2
I
I2C-bus/SMBus slave address bit 1 with internal pull-down
A2
3
I
I2C-bus/SMBus slave address bit 2 with internal pull-down
VSS
4
ground
device ground
SDA
5
I/O
SMBus/I2C-bus serial data input/output (open-drain). Must have
external pull-up resistor.
SCL
6
I
SMBus/I2C-bus serial clock input/output (open-drain). Must have
external pull-up resistor.
EVENT
7
O
Thermal alarm output for high/low and critical temperature limit
(open-drain). Must have external pull-up resistor.
VDD
8
power
device power supply (3.0 V to 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com