Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2D
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2D Datasheet HTML 1Page - Omron Electronics LLC D2D Datasheet HTML 2Page - Omron Electronics LLC D2D Datasheet HTML 3Page - Omron Electronics LLC D2D Datasheet HTML 4Page - Omron Electronics LLC D2D Datasheet HTML 5Page - Omron Electronics LLC D2D Datasheet HTML 6Page - Omron Electronics LLC D2D Datasheet HTML 7Page - Omron Electronics LLC D2D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
26
Door Interlock Switch
D2D
Specifications
■ Characteristics
Note: 1. Data shown are of initial value
2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate
■ Ratings (Reference values)
Note: 1. The above values ar for steady-state current and the motor load has an inrush current of 6 times the steady-state current.
2. The ratings apply under the following test conditions: Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
■ Approved Standards
UL Recognized (File No. E41515)(
CSA Certified (File No. LR21642)
EN61058-1 (File No. 136005 VDE approval)
Testing conditions: 1E4 (10,000 operations), T85 (0
°C to 85°C)
Note: The value in parentheses indicate motor load ratings.
EN61058-1 (File No. R9551934, TÜV Rheinland approval)
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Item
D2D-1000 models
D2D-2000 models
D2D-3000 models
Operating speed
10 mm/s to 1 m/s
Operating frequency
Mechanical: 300 operations per minute max.
Electrical: 30 operations per minute max.
Contact resistance
50 m
Ω max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
50/60 Hz, 1mm
(See note 2)
Between terminals
of same polarity
2,000 VAC
1,000 VAC
2,000 VAC
Between terminals
and ground
2,000 VAC
1,500 VAC
2,000 VAC
Between terminals
and non-current
carrying metal parts
2,500 VAC
1,500 VAC
- - -
Between terminals
and actuator
4,000 VAC
- - -
4,000 VAC
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction
1,000 m/s2 (approx 100G) max.
Malfunction
500 m/s2 (approx. 50G) max.
300 m/s2 (approx. 30G) max.
500 m/s2 (approx. 50G) max.
Degree of protection
IEC IP40
Degree of protection vs. electric shock
Class II
Proof tracking index (PTI)
175
Ambient operating temperature
-25
° to 85°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max (for 5
°C to 35°C)
Life expectancy
Mechanical: 10,000,000 operations min. at 60 operations/minute
Electrical: 100,000 operations min. at 30 operations/minute
Weight
Approx. 14 g (D2D-1000)
Resistive load
Motor load
Type
Voltage
NC
NO
NC
NO
Standard
125 VAC
250 VAC
16 A
4 A
Pull-on lock
125 VAC
250 VAC
10 A
- - -
Rated voltage
D2D-1000
D2D-2000
D2D-3000
125 VAC
- - -
- - -
3/4 hp
250 VAC
16 A
10 A
16A, 1.5 hp
Rated voltage
D2D-1000
D2D-2000
D2D-3000
250 VAC
16(4) A
10 A
16(4) A
Rated voltage
D2D-3104
24 VDC
4 A
Item
Standard
model
Pull-on lock
model
Specification
Rivet
Material
Silver
Gap (standard value)
3 mm min.
1 mm
Inrush current
30 A max.
24 A max.
Minimum applicable load
(see note)
160 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com