Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D2D
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D Datasheet(HTML) 6 Page - Omron Electronics LLC

  D2D Datasheet HTML 1Page - Omron Electronics LLC D2D Datasheet HTML 2Page - Omron Electronics LLC D2D Datasheet HTML 3Page - Omron Electronics LLC D2D Datasheet HTML 4Page - Omron Electronics LLC D2D Datasheet HTML 5Page - Omron Electronics LLC D2D Datasheet HTML 6Page - Omron Electronics LLC D2D Datasheet HTML 7Page - Omron Electronics LLC D2D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
30
Door Interlock Switch
D2D
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
■ Pull-on Lock Models
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Actuation
Apply operation force to the pin plunger in the direction it operates.
Applying forces laterally or from an oblique direction may damage the
pin plunger.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
1.65
+0.1
0
dia.
Four quick-connect
terminals (#250)
13
23.6
6.35
±0.1
12.4
4.3
±0.05 dia.
1.8
5.8
33.6
22
±0.1
16
8 dia.
TTP
OP
FP
OP
(see
note)
TTP
(see
note)
10.4
25.2
30
Screw Mounting
D2D-2000
Note:
At pull-on lock operation.
A
Momentary Operation
(Normal Operation)
Model
D2D-2000
D2D-2100
OF max.
NC-OFF
NO-ON
200 gf
300 gf
TTF max.
600 gf
OT min.
4.5 mm
FP max.
14.3 mm
10.3 mm
OP
NC-OFF
NO-ON
13.5
± 0.6 mm
12.7
± 0.6 mm
9.5
± 0.6 mm
8.7
± 0.6 mm
TTP max.
8.3 mm
4.3 mm
Panel Mounting
D2D-2100
1.65
+0.1
0
dia.
Four quick-connect
terminals (#250)
21.2
21.8
6.35
±0.1
12.4
2.0
31.7
40
±0.1
8 dia.
TTP
OP
FP
OP
(see
note)
TTP
(see
note)
10.4
25.2
30
Note:
At pull-on lock operation.
A
Pull-on Lock Operation
Model
D2D-2000
D2D-2100
OF max.
2,000 gf
PT max.
2 mm
OT min.
0.4 mm
MD max.
1.5 mm
FP max.
14.3 mm
10.3 mm
OP
15.1
± 0.6 mm 11.1 ± 0.6 mm
TTP max.
16.5 mm
12.5 mm
Correct
Incorrect
Incorrect
Inoperable
range
Operating
range
Current (mA)
30
24
10
1,000
26mA
160mA
100
0.1
12
0
5
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com