Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2D
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2D Datasheet HTML 1Page - Omron Electronics LLC D2D Datasheet HTML 2Page - Omron Electronics LLC D2D Datasheet HTML 3Page - Omron Electronics LLC D2D Datasheet HTML 4Page - Omron Electronics LLC D2D Datasheet HTML 5Page - Omron Electronics LLC D2D Datasheet HTML 6Page - Omron Electronics LLC D2D Datasheet HTML 7Page - Omron Electronics LLC D2D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Door Interlock Switch
D2D
29
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
Model
D2D-1100
D2D-1101
D2D-1102
OF max.
NC-OFF
NO-ON
300 gf
600 gf
- - -
600 gf
300 gf
- - -
TTF max.
750 gf
OT min.
2.3 mm
5.5 mm
FP max.
12.4 mm
13 mm
12.4 mm
OP
NC-OFF
NO-ON
11.9
± 0.4 mm
8.7
± 0.4 mm
- - -
8.7
± 0.4 mm
11.9
± 0.4 mm
- - -
TTP max.
6 mm
1.65
+0.1
0
dia.
Four quick-connect
terminals (#250)
40
±0.1
8 dia.
TTP
FP
OP
2.0
31.7
10.4
25.2
30
21.2
21.8
6.35
±0.1
12.4
Panel Mounting
D2D-1100
D2D-1101
D2D-1102
A
Panel Mounting
D2D-3103
1.65
+0.1
0
dia.
Six quick-connect
terminals (#250)
5.6 dia.
21.2
±0.2
6.35
±0.1
13
40
TTP
OP
FP
23
31
41.5
8.8
22.8
31.6
34.4
A
Model
D2D-3103
OF max.
NC-OFF
NO-ON
300 gf
600 gf
TTF max.
1,000 gf
OT min.
2.3 mm
FP max.
12.4 mm
OP
NC-OFF
NO-ON
11.9
± 0.8 mm
8.7
± 0.8 mm
TTP max.
6.4 mm
Panel Mounting
D2D-3104
Four quick-connect
terminals (#250)
1.65
+0.1
0
dia.
21.2
±0.2
6.35
±0.1
13
40
5.6 dia.
TTP
OP
FP
23
31
41.5
8.8
31.6
34.4
A
Model
D2D-3104
OF max.
NC-OFF
NO-ON
- - -
600 gf
TTF max.
1,000 gf
OT min.
2.3 mm
FP max.
13.4 mm
OP
NC-OFF
NO-ON
- - -
8.7
± 0.8 mm
TTP max.
6.4 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com