Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2D
Description  Door Interlock Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2D Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2D Datasheet HTML 1Page - Omron Electronics LLC D2D Datasheet HTML 2Page - Omron Electronics LLC D2D Datasheet HTML 3Page - Omron Electronics LLC D2D Datasheet HTML 4Page - Omron Electronics LLC D2D Datasheet HTML 5Page - Omron Electronics LLC D2D Datasheet HTML 6Page - Omron Electronics LLC D2D Datasheet HTML 7Page - Omron Electronics LLC D2D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Door Interlock Switch
D2D
25
Door Interlock Switch
D2D
Power Switch with Minimum Contact Gap
up to 3 mm.
• Minimum contact gap of 3 mm (standard models), needed
in general power switches, is provided.
• Mechanism with double return spring and direct drive
positive contact opening features
• Pull-on lock type for easy maintenance is also available.
• Conforms to Class II of VDE Insulation Grade.
• RoHS Compliant
Ordering Information
Note: “DB” in the contact form = “Double Break”.
Model Number Legend
Type
Contact Gap
Contact Form
Part Number
Screw mount type
Panel mount type
Standard
3 mm min.
SPDB-NO/NC
D2D-1000
D2D-1100
SPDB-NO
D2D-1001
D2D-1101
SPDB-NC
D2D-1002
D2D-1102
SPDB-NO + SPDB-NO/NC - - -
D2D-3103
DPDB-NO
- - -
D2D-3104
Pull-on lock
1 mm
SPDB-NO/NC
D2D-2000
D2D-2100
D2D -
0
1.
Construction
1:
Single pole, 3-mm contact gap
2:
Pull-on-lock type, 1-mm contact gap
3:
Double-pole, 3-mm contact gap
2.
Mounting
0:
Screw mount
1:
Panel snap-fit mount
3.
Contact Form
0:
SPDB-NO/NC
1:
SPDB-NO
2:
SPDB-NC
3:
SPDB-NO + SPDB-NO/NC
4:
DPDB-NO
2
3
1


Similar Part No. - D2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
D2D0112N ETC2-D2D0112N Datasheet
84Kb / 2P
1 DIAMETER 0.55 AMP 28 VDC
D2D0112N ETC2-D2D0112N Datasheet
84Kb / 2P
SPECIFICATIONS AND ORDERING INFORMATION
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
1 DIAMETER 0.55 AMP 28 VDC
D2D0112S ETC2-D2D0112S Datasheet
88Kb / 3P
SPECIFICATIONS AND ORDERING INFORMATION
More results

Similar Description - D2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
Door Interlock Switches
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
Safety-door Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
DOOR INTERLOCK PLATE FOR CAM SWITCH
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
Sealed Interlock Door Switches
8 Dec 21
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
Door Interlock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com