Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BBA Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS202BBA
Description  PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBA Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS202BBA Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 14Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PixArt Imaging Inc.
PAS202BCA/PAS202BBA
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, May. 2002
5. Specifications
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Vdd
DC supply voltage
-0.5
3.8
V
Vin
DC input voltage
0.5
Vdd+0.5
V
Vout
DC output voltage
-0.5
Vdd+0.5
V
DC Electrical Characteristics (VDD=3.3V±10%, Ta=0°C~40°C )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type :PWR
VDD
Analog and digital operating voltage
3.00
3.3
3.60
V
IDD
Operating Current
30
mA
Type :IN & I/O Reset and SYSCLK
VIH
Input voltage HIGH
2.0
VDD
V
VIL
Input voltage LOW
0
0.8
V
Cin
Input capacitor
10
pF
Ilkg
Input leakage current
1.0
uA
Type : OUT & I/O for PXD0:9, PXCLK, H/VSYNC & SDA, load 20pf, 3.3volts
VOH
Output voltage HIGH
Vdd-0.2
V
VOL
Output voltage LOW
0.2
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
fsysclk
Master clock frequency
8
48
MHz
fpxclk
Pixel clock output frequency
12
MHz
Sensor Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Photo response non-uniformity
PRNU
1.7
%
Saturation output voltage
Vsat.
1.2
V
Dark output voltage
Vdark
53
mV/sec
Dark signal non-uniformity
DSNU
2.79
Lsb
Sensitivity ( Red channel )
R
0.8
V/Lux-sec
Sensitivity ( Green channel )
G
0.6
V/Lux-sec
Sensitivity ( Blue channel )
B
0.6
V/Lux-sec
Column non-uniformity
Cnu
1.56
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com