Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BBA Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAS202BBA
Description  PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBA Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAS202BBA Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 14Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
PixArt Imaging Inc.
PAS202BCA/PAS202BBA
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, May. 2002
7. Referencing Schematic
PAS202-32PINS-PP.opj BY Jeffery
V1.0
pas202BXA-32P
A
1
1
Tuesday, May 28, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDDA
VDDD
VDDD
3.3V
PXD4
PXD2
VSYNC
PXD1
SYSCLK
PXCLK
PXD0
PXD3
HSYNC
VDDD
VDDA
DGND
CSB
AGND
SDA
SCL
C2
0.1uF
L2
3.3UH
PAS202BCA
PAS202BBA
U1
PAS202
32
1
2
3
13
14
15
16
17
18
19
29
30
31
4
20
VDDAY
VSSAY
VLRST
PXD9
NC
PXD2
PXD1
PXD0
SYSCLK
PXCLK
HSYNC
NC
VSSA
VDDA
PXD8
VSYNC
R3
4.7k
R4
4.7k
C6
10uF
S1
R5
300k
C8
0.1uF
R2
300k
R1
300k
C3
0.1uF
C4
0.1uF
L1
3.3UH
C14
10uF
C15
10uF
C16
1uF
C13
1uF
C10
1uF
C12
1uF
C11
1uF
NOTES on capacitors:
1.The 0.1uF caps for pin 8,23,31 and 32 MUST have trace
lengths LESS than 5mm.
2.C10,C11,C6 for pins 26,27 and 28 MUST have
trace lengths LESS than 5mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com