Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BBA Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS202BBA
Description  PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBA Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS202BBA Datasheet HTML 1Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 2Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 3Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 4Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 5Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 6Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PixArt Imaging Inc.
PAS202BCA/PAS202BBA
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, May. 2002
1. Pin Assignment
Pin No.
Name
Type
Defintion
1
VSSAY
GND
Analog ground
2
VLRST
BIAS
Fixed bias input voltage, 1.65V
3
PXD9
OUT
Digital data out
4
PXD8
OUT
Digital data out
5
PXD7
OUT
Digital data out
6
PXD6
OUT
Digital data out
7
PXD5
OUT
Digital data out
8
VDDQ
PWR
Digital VDD, 3,3V
9
VSSQ
GND
Digital ground
10
VSSQ
GND
Digital ground
11
PXD4
OUT
Digital data out
12
PXD3
OUT
Digital data out
13
NC
Not connected
14
PXD2
OUT
Digital data out
15
PXD1
OUT
Digital data out
16
PXD0
OUT
Digital data out
17
SYSCLK
IN
Master clock input
18
PXCLK
OUT
Pixel clock output
19
HSYNC
OUT
Horizontal synchronization signal
20
VSYNC
OUT
Vertical synchronization signal
21
SCL
IN
I2C clock
22
SDA
I/O
I2C data
23
VDDD
PWR
Digital VDD, 3.3V
24
VSSD
GND
Digital ground
25
CSB
IN
Chip select (Low, active, chip disable if high)
26
VCM
BYPASS
Analog voltage reference
27
VRT
BYPASS
Analog voltage reference
28
VRB
BYPASS
Analog voltage reference
29
NC
Not connected
30
VSSA
GND
Analog ground
31
VDDA
PWR
Analog VDD, 3.3V
32
VDDAY
PWR
Analog VDD, 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com