Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS202BBA Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS202BBA
Description  PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBA Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS202BBA Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 14Page - Pixart Imaging Inc. PAS202BBA Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PixArt Imaging Inc.
PAS202BCA/PAS202BBA
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, May. 2002
tLOW
tr
tHIGH
tf
PXCLK
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VLRST
VSSAY
VDDA
VSSA
NC
PXD1
NC
PXD9
PXD8
PXD2
SYSCLK
PXCLK
HSYNC
VSYNC
-- Bottom View --
21
22
23
24
VHRST
PXD0
PXCLK Timing Specification @12M Hz
Symbol
Parameter
Min.
Typ.
Max.
Unit
tLOW
Low period of the PXCLK duty cycle
40%
50%
60%
%
tHIGH
High period of the PXCLK duty cycle
40%
50%
60%
%
tr
Rise time signal
10
ns
tf
Fall time signal
10
ns
Cb
Capacitive load for each bus line
15
pF
6. Package Inf ormation
6.1. Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com