Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101CS Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS5101CS
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101CS Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS5101CS Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 9Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 10Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 11Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 12Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 13Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PAS5101CS Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
4.
I2C
TM Bus
PAS5101CS supports I2C bus transfer protocol and is acting as slave device. The 7 bits unique slave
address is “1000000” and supports receiving / transmitting speed up to 400KHz.
4.1. I2C Bus Overview
Only two wires SDA ( serial data ) and SCL ( serial clock ) carry information between the
devices connected to the I2C bus. Normally both SDA and SCL lines are open collector
structure and pull high by external pull-up resistors.
Only the master can initiates a transfer ( start ), generates clock signals, and terminates a
transfer ( stop ).
Start and stop condition : A high to low transition of the SDA line while SCA is high defines
a start condition. A low to high transition of the SDA line while SCA is high defines a stop
condition. Please refer to Figure 4.1.
Valid data : The data on the SDA line must be stable during the high period of the SCA clock.
Within each byte, MSB is always transferred first. Read / Write control bit is the LSB of the
first byte. Please refer to Figure 4.2.
Both the master and slave can transmit and receive data from the bus.
Acknowledge : The receiving device should pull down the SDA line during high period of the
SCL clock line when a complete byte was transferred by transmitter. In the case of a master
received data from a slave, the master does not generate an acknowledgment on the last byte
to indicate the end of a master read cycle.
Figure 4.1 Start and Stop conditions
Figure 4.2 Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com