Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101CS Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS5101CS
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101CS Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS5101CS Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 9Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 10Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 11Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 12Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 13Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 14Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 15Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PAS5101CS Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
During read cycle, the master generates start condition and then place the 1st byte data that are combined
slave address ( 7 bits ) with a read / write control bit to SDA line. After issue acknowledgment, 8 bits
DATA was also placed on SDA line by PAS5101CS. The 8 bits data was read from PAS5101CS internal
control register that address was assigned by previous write cycle. Follow the master acknowledgment,
the PAS5101CS place the next 8 bits data ( address is increment automatically ) on SDA line and then
transmit to master serially. The DATA and Am cycles is repeat until the last byte read. After last byte
read, Am is no longer generated by master but instead by keep SDA line high. The slave ( PAS5101CS )
must releases SDA line to master to generate STOP condition.
4.3. I2C
TM Bus Timing
4.4. I2C
TM Bus Timing Specification
Standard Mode
Parameter
Symbol
Min.
Max
Unit
SCL clock frequency.
fscl
10
400
KHz
Hold time ( repeated ) Start condition.
After this period, the first clock pulse is generated.
tHD:STA
4.0
-
μ
s
Low period of the SCL clock.
tLOW
4.7
-
μ
s
High period of the SCL clock.
tHIGH
0.75
-
μ
s
Set-up time for a repeated START condition.
tSU;STA
4.7
-
μ
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com