Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101CS Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS5101CS
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101CS Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS5101CS Datasheet HTML 1Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 2Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PAS5101CS Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
1.
Pin Assignment
Figure 1.1 Shows the PAS5101CS pin diagram
Pin No.
Name
Type
Description
E4
VSSA
GND
Analog ground.
D4
VDDA
PWR
Analog power, 2.5V
E5
PWDN
IN
Power Down (chip power down if high ).
D5
VREF
IN
Internal voltage reference.
C5
VDDD
PWR
Nc, Internal Regulator 1.8V.
B5
VSYNC
OUT
Vertical synchronization signal.
A5
HSYNC
OUT
Horizontal synchronization signal.
B4
PXCLK
OUT
Pixel clock output.
A4
VDDQ
PWR
Sensor VDD, 2.5V ~ 3.3V.
B3
SYSCLK
IN
System clock input.
A3
RESET
IN
Resets all registers to their default values ( chip reset if high .)
B2
VSSD
GND
Digital ground.
A2
PX9
OUT
Digital data out.
B1
PX8
OUT
Digital data out.
A1
PX7
OUT
Digital data out.
C1
PX6
OUT
Digital data out.
D1
PX5
OUT
Digital data out.
E1
PX4
OUT
Digital data out.
D2
PX3
OUT
Digital data out.
E2
PX2
OUT
Digital data out.
C4
PX1
OUT
Digital data out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com