Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101CS Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS5101CS
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101CS Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS5101CS Datasheet HTML 1Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 2Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101CS Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PAS5101CS Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
C2
PX0
OUT
Digital data out.
D3
SCL
IN
I2C clock.
E3
SDA
I/O
I2C data. Internal pull high resister is 10KΩ.
2.
Sensor Array Format & Output Timing
2.1. Physical Sensor Array Format
Figure 2.1 Physical Sensor Array Format
2.2. Output Timing
1.3Mega mode ( 1288 x 1032 ) pixel readout:
H_Start[9:0] = 0,
V_Start[8:0] = 0,
H_Size[9:0] = 1287,
V_Size[8:0]= 1035,
LPF[7:0] = 1035,
Nov_Size_By4[7:0] = 63,
Figure 2.2 Inter-line timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com