Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6311LT Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAS6311LT Datasheet HTML 1Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 2Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 3Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 4Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 5Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 6Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 7Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
Figure 3.2 Companding curves program by Compand_EnH and Compand_Sel
3.4. Power Down Mode
The PAS6311LT can enter power-down mode by setting register “SW_PwrDn” or by enabling CSB pin.
PAS6311LT supports two power-down modes :
Software Power Down : Setting register “SW_PwrDn” = 0x01 could have power-down effect
upon all the internal block except I2C
TM.
Hardware Power Down : Pulling CSB pin to high could have power-down effect upon the
whole chip. The chip will go into standby state.
3.5. Reset Mode
The PAS6311LT can be reset by setting register “SW_Reset” or by enabling Reset pin. PAS6311LT
supports two reset modes :
Software Reset : Set register “SW_Reset” = 0x01 to reset all the I2C
TM registers. It resets the
register value only and non-whole chip.
HardwareReset : Pull Reset pin to high to reset the whole chip.
3.6. Automatic Background Compensation (ABC)
By setting register “ABC_en” = 0x01, PAS6311LT can do the black-level calibration automatically. The
purpose of this function supports user to set Dac value by hardware self-calculation to make dark like real
dark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com