Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6311LT Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS6311LT Datasheet HTML 1Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 2Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 3Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 4Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 5Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 6Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 7Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
PAS6311LT CMOS VGA DIGITAL IMAGE SESNSOR
General Description
The PAS6311LT is a highly integrated CMOS active-pixel image sensor that has a VGA resolution of
648H x 488V. It embedded the new FinePixel™ sensor technology to perform the excellent image quality. The
PAS6311LT outputs 10-bit RGB raw data through a parallel data bus. It is available in 24-pin CSP.
The PAS6311LT can be programmed to set the exposure time for different luminance condition via I2C
TM
serial control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset
correction DAC and programmable gain control.
Key Specification
Analog
2.5V
Core
1.8V
Supply
voltage
I/O
1.8V ~ 3.3V
Resolution
640 ( H ) x 480 ( V )
Array Diagonal
2.91mm ( ~1/6” Optic )
Pixel Size
3.6μm x 3.6μm
Max. Frame Rate
~30 fps @ 0.3Mega
Max. System Clock
Up to 48MHz
Max. Pixel Clock
Up to 12MHz
Color Filter
RGB Bayer Pattern
Exposure Time
~ Frame time to Line time
Scan Mode
Progressive
Sensitivity
1.3V/(Lux*Sec)
S/N Ratio
41dB
Dark Current
12mV/sec at 60℃
Chief Ray Angle
22 ~ 25 degree
Package Type
24-ball CSP
Features
VGA(640x480) resolution, ~1/6” Lens.
Bayer RGB color filter array.
10-bits parallel RGB raw data output.
On-Chip 10-bits pipeline A/D converter.
On-Chip programmable gain amplifier
3-bits front gain amplifier.
7-bits color gain amplifier.
7-bits global gain amplifier.
Digital gain stage.
Continuous variable frame time.
Continuous variable exposure time.
I2C
TM interface.
Flash light timing
1.8V~3.3V I/O voltage
<15mA power dissipation ( 30fps / 2.5v ).
10uA low power-down dissipation.
Window-of-Interest (WOI).
Sub-sampling.
Defect compensation.
Lens shading compensation.
Companding
Automatic background compensation
Critical register table backward compatible
with PAS6302
Ball to ball compatible with PAS6302CS


Similar Part No. - PAS6311LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6311LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS5101CS PIXART-PAS5101CS Datasheet
1Mb / 19P
CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PAS5101PE PIXART-PAS5101PE Datasheet
1Mb / 20P
CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com