Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6311LT Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button PAS6311LT Datasheet HTML 10Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 11Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 12Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 13Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 14Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 15Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 16Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 17Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
16
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
7.
Package Information
Symbol
Nominal
Min.
Max.
Package Body Dimension X
A
3715
3690
3740
Package Body Dimension Y
B
3515
3490
3540
Package Height
C
955
895
1015
Ball Height
C1
130
100
160
Package Body Thickness
C2
825
780
870
Glass Thickness
C3
545
525
565
Ball Diameter
D
250
220
280
Total Pin Count
N
24
Pin Count X axis
N1
5
Pin Count Y axis
N2
5
Pins Pitch X axis
J1
570
Pins Pitch Y axis
J2
570
Edge to Pin Center Distance along X
S1
803
773
833
Edge to Pin Center Distance along Y
S2
603
573
633
Edge to Optical Center Distance along X
E
1806
1781
1831
Edge to Optical Center Distance along Y
F
1412
1387
1437
µm
Package Center
PACKAGE MECHANICAL DIAGRAM
Side view
Top view (Bumps down)
E
2
E
A
Ball Center
D
C
B
A
NOTCH
1
33.1
34
5
Buttom view (Bumps up)
E
J1
S1
53
42
BGA Center
D
C
B
A
1
Sensor Array Center
*Note:
The formation of image is the result formed by package Top view(A1 : left-up) and general Lens(invert
and mirror the image).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com