Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6311LT Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS6311LT
Description  CMOS VGA DIGITAL IMAGE SESNSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6311LT Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS6311LT Datasheet HTML 6Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 7Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 8Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 9Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 10Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 11Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 12Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 13Page - Pixart Imaging Inc. PAS6311LT Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PAS6311LT Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.5 2007/10/02
4.2. Data Transfer Format
4.2.1. Master transmits data to salve ( write cycle )
S : Start.
A : Acknowledge by salve.
P : Stop.
RW : The LSB of 1
ST byte to decide whether current cycle is read or write cycle. RW = 1 –
Read cycle, RW = 0 – Write cycle.
SUBADDRESS : The address values of PAS6311LT internal control registers. ( Please refer
to PAS6311LT register description )
During write cycle, the master generates start condition and then places the 1
st byte data that are
combined slave address ( 7 bits ) with a read / write control bit to SDA line. After slave ( PAS6311LT )
issues acknowledgment, the master places 2
nd byte ( Sub Address ) data on SDA line. Again follow the
PAS6311LT acknowledgment, the master places the 8 bits data on SDA line and transmit to PAS6311LT
control register ( address was assigned by 2
nd byte ). After PAS6311LT issue acknowledgment, the master
can generate a stop condition to end of this write cycle. In the condition of multi-byte write, the
PAS6311LT sub-address is automatically increment after each DATA byte transferred. The data and A
cycles is repeat until last byte write. Every control registers value inside PAS6311LT can be
programming via this way.
4.2.2. Slave transmits data to master ( read cycle )
The sub-address was taken from previous write cycle.
The sub-address is automatically increment after each byte read.
Am : Acknowledge by master.
Note there is no acknowledgment from master after last byte read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com