Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLP2950 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLP2950 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLP2950 Datasheet HTML 1Page - Unisonic Technologies UTCLP2950 Datasheet HTML 2Page - Unisonic Technologies UTCLP2950 Datasheet HTML 3Page - Unisonic Technologies UTCLP2950 Datasheet HTML 4Page - Unisonic Technologies UTCLP2950 Datasheet HTML 5Page - Unisonic Technologies UTCLP2950 Datasheet HTML 6Page - Unisonic Technologies UTCLP2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTCLP2950/2951 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R102-001,E
ELECTRICAL CHARACTERISTICS
(Tested at Tj=25
°C,VIN=6V,IL=100µA and CL=1µF, unless otherwise specified)
PARAMETER
PART NUMBER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
UTC LP2950-2.5
UTC LP2950-3.0
UTC LP2950-3.3
UTC LP2950-3.6
UTC LP2950-5.0
UTC LP2951
TJ=25
°C
(note 1)
2.47
2.97
3.27
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.53
3.03
3.33
3.67
5.10
V
UTC LP2950-2.5
UTC LP2950-3.0
UTC LP2950-3.3
UTC LP2950-3.6
UTC LP2950-5.0
UTC LP2951
-25
°C<=TJ<=<=+85°C
(note 1)
2.47
2.97
3.27
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.53
3.03
3.33
3.67
5.10
V
Output Voltage
UTC LP2950-2.5
UTC LP2950-3.0
UTC LP2950-3.3
UTC LP2950-3.6
UTC LP2950-5.0
UTC LP2951
100
µA<=IL<=100 mA
Tj<=Tj(max)
(note 1)
2.47
2.97
3.27
3.53
4.90
2.5
3.0
3.3
3.6
5.0
2.53
3.03
3.33
3.67
5.10
V
Output Voltage
Temperature Coefficient
20
100
ppm/
°C
Line Regulation
6V<=VIN<=18V
0.03
0.1
0.2
%
Load Regulation
100
µA<=IL<=100 mA
0.04
0.1
0.2
%
Dropout Voltage
IL=100
µA
IL=100mA (note 2)
50
380
80
450
150
600
mV
Ground Current
IL=100
µA
IL=100mA
75
8
120
12
140
14
µA
mA
Dropout Ground Current
VIN=4.5V,IL=100
µA
110
170
200
µA
Current Limit
Vout=0
160
200
220
mA
Output Noise 10Hz to
100KHz
CL=1
µF
CL=200
µF
CL=3.3
µF
(Bypass=0.01
µF
pins 7 to (
utc2951))
430
160
100
µV
For LP2951 8-Pin version only
Reference Voltage
1.22
1.235
1.25
V
Reference Voltage
(Note 4)
1.19
1.27
V
Feedback pin Bias
Current
20
40
nA
Reference Voltage
Temperature Coefficient
50
ppm/
°C
Feedback Bias Current
temperature Coefficient
0.1
nA/
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com