Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLP2950 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCLP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLP2950 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCLP2950 Datasheet HTML 1Page - Unisonic Technologies UTCLP2950 Datasheet HTML 2Page - Unisonic Technologies UTCLP2950 Datasheet HTML 3Page - Unisonic Technologies UTCLP2950 Datasheet HTML 4Page - Unisonic Technologies UTCLP2950 Datasheet HTML 5Page - Unisonic Technologies UTCLP2950 Datasheet HTML 6Page - Unisonic Technologies UTCLP2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UTCLP2950/2951 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-001,E
PARAMETER
PART NUMBER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Error Comparator
Output Leakage Current
VOH=18V
1
µA
Output Low Voltage
VIN=4.5V
IOL=400
µA
250
mV
Upper Threshold
Voltage
(Note 3)
3.2
%VO
Lower Threshold
Voltage
(Note 3)
7.6
%VO
Hysteresis
(Note 3)
15
mV
Shutdown Input
Input Logic Voltage
Low(Regulator ON)
High(Regulator OFF)
2.0
1.3
0.70
V
Shutdown Pin Input
Current
Vshutdown=2.4V
30
50
µA
Vshutdown=18V
450
600
µA
Regulator Output
Current Shutdown
Vshutdown>=2V,VIN<=18V,
Vout=0,
Feedback pin tied to 5V Tap.
3
10
µA
Note 1: Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense
(Vout=5V) and Vshutdown<=0.8V.
Note 2:Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV
below its nominal value measured at 1V differential.
Note 3:Comparator thresholds are expressed in terms of percentage value of voltage output.
Note 4:Vref
≤Vout≤(Vin-1V), 2.3V≤Vin≤30V, 100µA≤IL≤100mA, TJ≤TJMAX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com