Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLP2950 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLP2950 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLP2950 Datasheet HTML 1Page - Unisonic Technologies UTCLP2950 Datasheet HTML 2Page - Unisonic Technologies UTCLP2950 Datasheet HTML 3Page - Unisonic Technologies UTCLP2950 Datasheet HTML 4Page - Unisonic Technologies UTCLP2950 Datasheet HTML 5Page - Unisonic Technologies UTCLP2950 Datasheet HTML 6Page - Unisonic Technologies UTCLP2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTCLP2950/2951 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-001,E
100 mA LOW-DROPOUT VOLTAGE
REGULATOR
DESCRIPTION
The UTC LP2950/2951 is a monolithic integrated voltage
regulator with low dropout voltage, and low quiescent current.
It includes many features that suitable for different
applications. Available in 3-pin TO-92, DIP-8 and SOP-8
packages.
FEATURES
*High accuracy 2.5, 3.0, 3.3, 3.6 or 5V fixed output for
TO-92, SOP-8 package.
*Extremely low quiescent current and dropout voltage.
*Extremely tight load and line regulation.
*Current and thermal limiting.
*Very low temperature coefficient.
*Logic controlled shutdown and error flag available for DIP
and SOP package.
*Output voltage programmable for DIP and SOP package.
APPLICATIONS
*Battery powered equipment.
*High efficient linear regulator down to 1.24V.
*Cellular phones.
TO-92
SOP-8
DIP-8
1
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ACCURACY
UTC LP2950-5.0
-40 ~ +125
°C
3-Pin TO-92 plastic
2.0%
UTC LP2950-3.0
-40 ~ +125
°C
3-Pin TO-92 plastic
1.0%
UTC LP2950-3.3
-40 ~ +125
°C
3-Pin TO-92 plastic
1.0%
UTC LP2950-3.6
-40 ~ +125
°C
3-Pin TO-92 plastic
2.0%
UTC LP2950-2.5
-40 ~ +125
°C
3-Pin TO-92 plastic
1.0%
UTC LP2950-5.0
-40 ~ +125
°C
8-Pin SOP-8 plastic
2.0%
UTC LP2950-3.0
-40 ~ +125
°C
8-Pin SOP-8 plastic
1.0%
UTC LP2950-3.3
-40 ~ +125
°C
8-Pin SOP-8 plastic
1.0%
UTC LP2951
-40 ~ +125
°C
8-Pin SOP-8 plastic
2.0%
UTC LP2951
-40 ~ +125
°C
8-Pin DIP-8 plastic
2.0%


Similar Part No. - UTCLP2950

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL5200 UTC-UTCL5200 Datasheet
159Kb / 7P
LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
UNIVERSAL SPEECH CIRCUIT
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
UTCLAG665F UTC-UTCLAG665F Datasheet
67Kb / 5P
RADIO AND CASSETTE RECORDER CIRCUIT
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
More results

Similar Description - UTCLP2950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
logo
Unisonic Technologies
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_09 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
logo
Microchip Technology
LP2951 MICROCHIP-LP2951 Datasheet
2Mb / 30P
100 mA Low-Dropout Voltage Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com