Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLP2950 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UTCLP2950
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLP2950 Datasheet(HTML) 7 Page - Unisonic Technologies

  UTCLP2950 Datasheet HTML 1Page - Unisonic Technologies UTCLP2950 Datasheet HTML 2Page - Unisonic Technologies UTCLP2950 Datasheet HTML 3Page - Unisonic Technologies UTCLP2950 Datasheet HTML 4Page - Unisonic Technologies UTCLP2950 Datasheet HTML 5Page - Unisonic Technologies UTCLP2950 Datasheet HTML 6Page - Unisonic Technologies UTCLP2950 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UTCLP2950/2951 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R102-001,E
TYPICAL PERFORMANCE CHARACTERISTICS
1
2
34
56
0
0
1
2
3
4
5
6
Fig.4 Dropout Characteristics
INPUT VOLTAGE(V)
RL=50k
Ω
RL=50
Ω
0 1
2
3 4
5 6
7 8
9 10 11 12
0
10
20
30
40
50
60
70
80
90
100
120
110
130
140
150
Fig.5 Input Current
INPUT VOLTAGE(V)
RL=50Ω
50
60
70
80
90
100
110
120
-75 -50 -25
0
25
50 75
100 125 150
Fig. 7 Ground Pin Current
TEMPERATURE(°C)?
VIN=6V
IL=100
µA
-75 -50 -25
0
25
50 75
100 125 150
4
5
6
7
8
TEMPERATURE(°C)?
Fig. 8 Ground Pin Current
V IN=6V
IL=100mA
-75 -50 -25
0
25
50 75
100 125 150
100
110
120
130
140
150
160
170
TEMPERATURE(°C)?
Fig. 10 Short Circuit Current
-75 -50 -25
0
25
50 75
100 125 150
0
50
100
300
400
500
600
>
TEMPERATURE(°C)?
Fig. 6 Dropout Voltage
IL=100mA
IL=100
µA
-75 -50 -25
0
25
50 75
100 125 150
TEMPERATURE(°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 9 Shutdown Threshold Voltage
0.1
1
10
100
0
100
200
300
400
500
Fig. 11 Dropout Voltage
OUTPUT CURRENT(mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com