Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01M Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R01M Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
¾
3.0
3.3
V
fSYS=8MHz
¾
3.0
3.3
V
IDD1
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=4MHz
¾
0.8
1.2
mA
IDD2
Operating Current
(HXT, HIRC, ERC)
3V
No load, fSYS=8MHz
¾
1.4
2.1
mA
IDD4
Operating Current
(HIRC + LXT, Slow Mode)
3V
No load, fSYS=32768Hz
(LVR disabled, LXTLP=1)
¾
510
mA
ISTB1
Standby Current
(LIRC On, LXT Off)
3V
No load, system HALT
¾¾
5
mA
ISTB2
Standby Current
(LIRC Off, LXT Off)
3V
No load, system HALT
¾¾
1
mA
ISTB3
Standby Current
(LIRC Off, LXT On, LXTLP=1)
3V
No load, system HALT
¾¾
5
mA
VIL1
Input Low Voltage for I/O,
TCn and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O,
TCn and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset 3
¾ VLVR = 2.1V
1.98
2.1
2.22
V
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
IOL2
PA7 Sink Current
3V
VOL=0.1VDD
0.8
1.2
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
Note: The standby current (ISTB1~ISTB3) and IDD4 are measured with all I/O pins in input mode and tied to VDD.
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
5
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com