Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01M Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
27
December 18, 2009
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on
their I/O ports. Most pins can have either an input or out-
put designation under user program control. Addi-
tionally, as there are pull-high resistors and wake-up
software configurations, the user is provided with an I/O
structure to meet the needs of a wide range of applica-
tion possibilities.
For input operation, these ports are non-latching, which
means the inputs must be ready at the T2 rising edge of
instruction
²MOV A,[m]², where m denotes the port ad-
dress. For output operation, all the data is latched and
remains unchanged until the output latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for
their switch inputs usually requiring the use of an external
resistor. To eliminate the need for these external resis-
tors, when configured as an input have the capability of
being connected to an internal pull-high resistor. These
pull-high resistors are selectable via a register known as
PAPU located in the Data Memory. The pull-high resis-
tors are implemented using weak PMOS transistors.
Note that pin PA7 does not have a pull-high resistor se-
lection.
Port A Wake-up
If the HALT instruction is executed, the device will enter
the Sleep Mode, where the system clock will stop result-
ing in power being conserved, a feature that is important
for battery and other low-power applications. Various
methods exist to wake-up the microcontroller, one of
which is to change the logic condition on one of the
PA0~PA7 pins from high to low. After a HALT instruction
forces the microcontroller into entering the Sleep Mode,
the processor will remain in a low-power state until the
logic condition of the selected wake-up pin on Port A
changes from high to low. This function is especially suit-
able for applications that can be woken up via external
switches. Note that pins PA0 to PA7 can be selected indi-
vidually to have this wake-up feature using an internal
register known as PAWK, located in the Data Memory.
· PAWK, PAC, PAPU Register
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn: I/O type selection
0: output
1: input
PAPUn: Pull-high function enable
0: disable
1: enable
· PBPU Register
Register
Name
POR
Bit
76543210
PBC
FFH
¾¾¾¾¾¾
PBC1
PBC0
PBPU
00H
¾¾¾¾¾¾
PBPU1
PBPU0
²¾² Unimplemented, read as ²0²
PBCn: I/O type selection
0: output
1: input
PBPUn: Pull-high function enable
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com