Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01M Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 58Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 59Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Instruction Definition
ADC A,[m]
Add Data Memory to ACC with Carry
Description
The contents of the specified Data Memory, Accumulator and the carry flag are added. The
result is stored in the Accumulator.
Operation
ACC
¬ ACC+[m]+C
Affected flag(s)
OV, Z, AC, C
ADCM A,[m]
Add ACC to Data Memory with Carry
Description
The contents of the specified Data Memory, Accumulator and the carry flag are added. The
result is stored in the specified Data Memory.
Operation
[m]
¬ ACC+[m]+C
Affected flag(s)
OV, Z, AC, C
ADD A,[m]
Add Data Memory to ACC
Description
The contents of the specified Data Memory and the Accumulator are added. The result is
stored in the Accumulator.
Operation
ACC
¬ ACC + [m]
Affected flag(s)
OV, Z, AC, C
ADD A,x
Add immediate data to ACC
Description
The contents of the Accumulator and the specified immediate data are added. The result is
stored in the Accumulator.
Operation
ACC
¬ ACC+x
Affected flag(s)
OV, Z, AC, C
ADDM A,[m]
Add ACC to Data Memory
Description
The contents of the specified Data Memory and the Accumulator are added. The result is
stored in the specified Data Memory.
Operation
[m]
¬ ACC + [m]
Affected flag(s)
OV, Z, AC, C
AND A,[m]
Logical AND Data Memory to ACC
Description
Data in the Accumulator and the specified Data Memory perform a bitwise logical AND op-
eration. The result is stored in the Accumulator.
Operation
ACC
¬ ACC ²AND² [m]
Affected flag(s)
Z
AND A,x
Logical AND immediate data to ACC
Description
Data in the Accumulator and the specified immediate data perform a bitwise logical AND
operation. The result is stored in the Accumulator.
Operation
ACC
¬ ACC ²AND² x
Affected flag(s)
Z
ANDM A,[m]
Logical AND ACC to Data Memory
Description
Data in the specified Data Memory and the Accumulator perform a bitwise logical AND op-
eration. The result is stored in the Data Memory.
Operation
[m]
¬ ACC ²AND² [m]
Affected flag(s)
Z
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
56
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com