Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R01M Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R01M Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
HT46R01M/HT46R02M
HT48R01M/HT48R02M
1.5V Battery 8-Bit OTP MCU
Rev. 1.00
1
December 18, 2009
General Description
The 1.5V Battery MCUs are a series of 8-bit high perfor-
mance, RISC architecture microcontrollers specifically
designed for a wide range of applications. The usual
Holtek microcontroller features of a 3V DC/DC con-
verter low power consumption, I/O flexibility, timer func-
tions, oscillator options, power down and wake-up
functions, watchdog timer and low voltage reset, com-
bine to provide devices with a huge range of functional
options while still maintaining a high level of cost effec-
tiveness. The fully integrated 3V DC/DC converter,
which transforms 1.5V to 3V, provides the MCUs a sta-
ble 3V power supply, opens up a huge range of new
1.5V application possibilities for these devices, some of
which may include, consumer products, household ap-
pliances subsystem controllers, etc.
Features
CPU Features
· Operating voltage: 3.0V (Typ.)
· Sleep mode and wake-up functions to reduce
power consumption
· Oscillator types:
External high freuency Crystal -- HXT
External RC -- ERC
Internal RC -- HIRC
External low frequency crystal -- LXT
· Three operational modes: Normal, Slow, Sleep
· Fully integrated internal 4MHz and 8MHz oscillator
requires no external components
· OTP Program Memory: 1K´15~2K´15
· RAM Data Memory: 96´8
· Watchdog Timer function
· LIRC oscillator function for watchdog timer
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· 6-level subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· 16-pin NSOP package
Peripheral Features
· 10 bidirectional I/O lines
· 4 channel 12-bit ADC
· 1 channel 8-bit PWM
· External interrupt input shared with an I/O line
· Two 8-bit programmable Timer/Event
Counter with overflow interrupt and prescaler
· Time-Base function
· Programmable Frequency Divider - PFD
· Embedded 3V DC/DC
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT48R01M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R01M HOLTEK-HT48R01M Datasheet
465Kb / 69P
1.5V Battery 8-Bit OTP MCU
More results

Similar Description - HT48R01M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
8-Bit Remote Type OTP MCU
May 12, 2003
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
Voice Synthesizer 8-Bit OTP MCU
October 23, 2006
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
1.5V Battery 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
2.4GHz Transceiver 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
Small Package 8-Bit OTP MCU
June 9, 2011
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
Small Package 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
e-Banking 8-Bit OTP MCU
October 31, 2013
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com