Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R37 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
HT45R37
Rev. 1.10
49
January 29, 2010
Buzzer
Operating in a similar way to the Programmable Fre-
quency Divider, the Buzzer function provides a means of
producing a variable frequency output, suitable for ap-
plications such as Piezo-buzzer driving or other external
circuits that require a precise frequency generator.
Buzzer Operation
The BZ and BZ pins form a complementary pair, and are
pin-shared with I/O pins, PA0 and PA1. A configuration
option is used to select from one of three buzzer options.
The first option is for both pins PA0 and PA1 to be used
as normal I/Os, the second option is for both pins to be
configured as BZ and BZ buzzer pins, the third option
selects only the PA0 pin to be used as a BZ buzzer pin
with the PA1 pin retaining its normal I/O pin function.
Note that the BZ pin is the inverse of the BZ pin which to-
gether generate a differential output which can supply
more power to connected interfaces such as buzzers.
The buzzer is driven by the internal clock source, , which
then passes through a divider, the division ratio of which
is selected by configuration options to provide a range of
buzzer frequencies from fS/2
2 to f
S/2
9. The clock source
that generates fS, which in turn controls the buzzer fre-
quency, can originate from three different sources, the
32768Hz oscillator, the 32K_INT oscillator or the Sys-
tem oscillator/4, the choice of which is determined by
the fS clock source configuration option. Note that the
buzzer frequency is controlled by configuration options,
which select both the source clock for the internal clock
fS and the internal division ratio. There are no internal
registers associated with the buzzer frequency.
If the configuration options have selected both pins PA0
and PA1 to function as a BZ and BZ complementary pair
of buzzer outputs, then for correct buzzer operation it is
essential that both pins must be setup as outputs by set-
ting bits PAC0 and PAC1 of the PAC port control register
to zero. The PA0 data bit in the PA data register must
also be set high to enable the buzzer outputs, if set low,
both pins PA0 and PA1 will remain low. In this way the
single bit PA0 of the PA register can be used as an on/off
control for both the BZ and BZ buzzer pin outputs. Note
that the PA1 data bit in the PA register has no control
over the BZ buzzer pin PA1.
f S S o u r c e
C o n f i g u r a t i o n
O p t i o n
f S Y S / 4
3 2 7 6 8 H z
3 2 K _ I N T
C o n f i g u r a t i o n O p t i o n
D i v i d e b y 2 2 ~ 2 9
f S
B Z
B Z
Buzzer Function
PA0/PA1 Pin Function Control
PAC Register
PAC0
PAC Register
PAC1
PA Data Register
PA0
PA Data Register
PA1
Output
Function
001
x
PA0=BZ
PA1=BZ
000
x
PA0=
²0²
PA1=
²0²
011
x
PA0=BZ
PA1=input line
010
x
PA0=
²0²
PA1=input line
10
x
D
PA0=input line
PA1=D
11
x
x
PA0=input line
PA0=input line
²x
² stands for don¢t care
²D² stands for Data ²0² or ²1²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com